Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB302X Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 14Page - Cypress Semiconductor CYUSB302X Datasheet HTML 15Page - Cypress Semiconductor CYUSB302X Datasheet HTML 16Page - Cypress Semiconductor CYUSB302X Datasheet HTML 17Page - Cypress Semiconductor CYUSB302X Datasheet HTML 18Page - Cypress Semiconductor CYUSB302X Datasheet HTML 19Page - Cypress Semiconductor CYUSB302X Datasheet HTML 20Page - Cypress Semiconductor CYUSB302X Datasheet HTML 21Page - Cypress Semiconductor CYUSB302X Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 18 of 34
CYUSB302x
I2C Interface Timing
I2C Timing
Figure 4. I2C Timing Definition
Table 10. I2C Timing Parameters[4]
Parameter
Description
Min
Max
Units
I2C Standard Mode Parameters
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time START condition
4
µs
tLOW
LOW period of the SCL
4.7
µs
tHIGH
HIGH period of the SCL
4
µs
tSU:STA
Setup time for a repeated START condition
4.7
µs
tHD:DAT
Data hold time
0
µs
tSU:DAT
Data setup time
250
ns
tr
Rise time of both SDA and SCL signals
1000
ns
tf
Fall time of both SDA and SCL signals
300
ns
tSU:STO
Setup time for STOP condition
4
µs
tBUF
Bus free time between a STOP and START condition
4.7
µs
tVD:DAT
Data valid time
3.45
µs
tVD:ACK
Data valid ACK
3.45
µs
tSP
Pulse width of spikes that must be suppressed by input filter
n/a
n/a
Note
4. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com