Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB302X Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB302X Datasheet HTML 1Page - Cypress Semiconductor CYUSB302X Datasheet HTML 2Page - Cypress Semiconductor CYUSB302X Datasheet HTML 3Page - Cypress Semiconductor CYUSB302X Datasheet HTML 4Page - Cypress Semiconductor CYUSB302X Datasheet HTML 5Page - Cypress Semiconductor CYUSB302X Datasheet HTML 6Page - Cypress Semiconductor CYUSB302X Datasheet HTML 7Page - Cypress Semiconductor CYUSB302X Datasheet HTML 8Page - Cypress Semiconductor CYUSB302X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 5 of 34
CYUSB302x
Power
SD3 has the following main groups of power supply domains:
IO_VDDQ: This refers to a group of independent supply
domains for digital I/Os. The voltage level on these supplies
are 1.8 V to 3.3 V. SD3 provides six independent supply
domains for digital I/Os listed as follows:
S0VDDQ: S0-Port (for SD/MMC) I/O Power Supply Domain
S1VDDQ: S1-Port (for SD/MMC) I/O Power Supply Domain
S2VDDQ: S2-Port (GPIO) Power Supply Domain
VIO4: S1-Port GPIO[53:57]/O Power Supply Domain (these
pins support MMC’s high nibble data line - D[7:4] on S1-Port)
VIO5: I2C Power Supply Domain (supports 1.2 V to 3.3 V)
CVDDQ: Clock Power Supply Domain
VDD: This is the supply voltage for the logic core. The nominal
supply voltage level is 1.2 V. This supplies the core logic
circuits. The same supply must also be used for the following:
AVDD: This is the 1.2-V supply for the PLL, crystal oscillator
and other core analog circuits
U3TXVDDQ/U3RXVDDQ: These are the 1.2-V supply volt-
ages for the USB 3.0 interface.
VBATT/VBUS: This is the 3.2-V to 6-V battery power supply
for the USB I/O and analog circuits. This supply powers the
USB transceiver through SD3’s internal voltage regulator.
VBATT is internally regulated to 3.3 V.
Power Modes
SD3 supports the following power modes:
Normal mode: This is the full-functional operating mode. In this
mode the internal CPU clock and the internal PLLs are enabled.
Normal operating power consumption does not exceed the sum
of ICC_CORE max and ICC_USB max (see Table 9 on page 15
for current consumption specifications).
The I/O power supplies (S0VDDQ, S1VDDQ, VIO4, and VIO5)
may be turned off when the corresponding interface is not in use.
S2VDDQ cannot be turned off at any time if the S2-Port is used
in the application.
SD3 supports four low-power modes (see Table 6 on page 5):
Suspend mode with USB 3.0 PHY enabled (L1 mode)
Suspend mode with USB 3.0 PHY disabled (L2 mode)
Standby mode (L3 mode)
Core power-down mode (L4 mode)
Table 6. Entry and Exit Methods for Low-Power Modes
Low Power Mode
Characteristics
Methods of Entry
Methods of Exit
Suspend mode with
USB 3.0 PHY Enabled
(L1 mode)
The power consumption in this mode does
not exceed ISB1
USB 3.0 PHY is enabled and is in U3 mode
(one of the suspend modes defined by the
USB 3.0 specification). This one block alone
operates with its internal clock while all other
clocks are shut down
All I/Os maintain their previous state
Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off individ-
ually
The states of the configuration registers,
buffer memory and all internal RAM are
maintained
All transactions must be completed before
SD3 enters Suspend mode (state of
outstanding transactions are not preserved)
The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion) because
the program counter does not reset
Firmware executing on the core can put
SD3 into suspend mode. For example,
on USB suspend condition, firmware
may decide to put SD3 into suspend
mode
D+ transitioning to low or high
D– transitioning to low or high
Resume condition on SSRX +/-
Detection of VBUS
Assertion of GPIO[17]
Assertion of RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com