Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BA Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 34Page - Cypress Semiconductor MB91F467BA Datasheet HTML 35Page - Cypress Semiconductor MB91F467BA Datasheet HTML 36Page - Cypress Semiconductor MB91F467BA Datasheet HTML 37Page - Cypress Semiconductor MB91F467BA Datasheet HTML 38Page - Cypress Semiconductor MB91F467BA Datasheet HTML 39Page - Cypress Semiconductor MB91F467BA Datasheet HTML 40Page - Cypress Semiconductor MB91F467BA Datasheet HTML 41Page - Cypress Semiconductor MB91F467BA Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 37 of 126
8.4.3
CCR (Condition Code Register)
SV: Supervisor flag
S: Stack flag
I: Interrupt enable flag
N: Negative enable flag
Z: Zero flag
V: Overflow flag
C: Carry flag
8.4.4
SCR (System Condition Register)
Flag for step division (D1, D0)
This flag stores interim data during execution of step division.
Step trace trap flag (T)
This flag indicates whether the step trace trap is enabled or disabled.
The step trace trap function is used by emulators. When an emulator is in use, it cannot be used in execution of user programs.
8.4.5
ILM (Interrupt Level Mask Register)
This register stores interrupt level mask values, and the values stored in ILM4 to ILM0 are used for level masking.
The register is initialized to value “01111B” at reset.
8.4.6
PC (Program Counter)
The program counter indicates the address of the instruction that is being executed.
The initial value at reset is undefined.
- 000XXXXB
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
C
V
Z
N
I
S
SV
Initial value
bit 10
bit 8
bit 9
D1
D0
T
XX0B
Initial value
bit 18
bit 16
bit 17
ILM2 ILM1 ILM0
01111B
ILM3
ILM4
bit 20 bit 19
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com