Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BA Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 16Page - Cypress Semiconductor MB91F467BA Datasheet HTML 17Page - Cypress Semiconductor MB91F467BA Datasheet HTML 18Page - Cypress Semiconductor MB91F467BA Datasheet HTML 19Page - Cypress Semiconductor MB91F467BA Datasheet HTML 20Page - Cypress Semiconductor MB91F467BA Datasheet HTML 21Page - Cypress Semiconductor MB91F467BA Datasheet HTML 22Page - Cypress Semiconductor MB91F467BA Datasheet HTML 23Page - Cypress Semiconductor MB91F467BA Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 19 of 126
1. For information about the I/O circuit type, refer to “I/O Circuit Types”.
95
P19_4
I/O
A
General-purpose input/output ports
SIN5
Data input pin of USART5
96
P19_5
I/O
A
General-purpose input/output ports
SOT5
Data output pin of USART5
97
P19_6
I/O
A
General-purpose input/output ports
SCK5
Clock input/output pin of USART5
CK5
External clock input pin of free-run timer 5
98
P18_0
I/O
A
General-purpose input/output ports
SIN6
Data input pin of USART6
99
P18_1
I/O
A
General-purpose input/output ports
SOT6
Data output pin of USART6
100
P18_2
I/O
A
General-purpose input/output ports
SCK6
Clock input/output pin of USART6
CK6
External clock input pin of free-run timer 6
101
P18_4
I/O
A
General-purpose input/output ports
SIN7
Data input pin of USART7
102
P18_5
I/O
A
General-purpose input/output ports
SOT7
Data output pin of USART7
103
P18_6
I/O
A
General-purpose input/output ports
SCK7
Clock input/output pin of USART7
CK7
External clock input pin of free-run timer 7
104
ALARM_0
I
N
Alarm comparator input pin
110 to 117
P29_0 to P29_7
I/O
B
General-purpose input/output ports
AN0 to AN7
Analog input pins of A/D converter
118 to 125
P28_0 to P28_7
I/O
B
General-purpose input/output ports
AN8 to AN15
Analog input pins of A/D converter
128
P24_2
I/O
A
General-purpose input/output ports
INT2
External interrupt input pin
129
P24_3
I/O
A
General-purpose input/output ports
INT3
External interrupt input pin
130 to 133
P14_0 to P14_3
I/O
A
General-purpose input/output ports
ICU0 to ICU3
Input capture input pins
TIN0 to TIN3
External trigger input pins of reload timer
TTG0/8 to TTG3/11
External trigger input pins of PPG timer
134 to 137
P15_0 to P15_3
I/O
A
General-purpose input/output ports
OCU0 to OCU3
Output compare output pins
TOT0 to TOT3
Reload timer output pins
138 to 143
P27_0 to P27_5
I/O
B
General-purpose input/output ports
AN16 to AN21
Analog input pins of A/D converter
Pin no.
Pin name
I/O
I/O circuit
type[1]
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com