Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BA Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 100Page - Cypress Semiconductor MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor MB91F467BA Datasheet HTML 103Page - Cypress Semiconductor MB91F467BA Datasheet HTML 104Page - Cypress Semiconductor MB91F467BA Datasheet HTML 105Page - Cypress Semiconductor MB91F467BA Datasheet HTML 106Page - Cypress Semiconductor MB91F467BA Datasheet HTML 107Page - Cypress Semiconductor MB91F467BA Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 103 of 126
Power supply
current
F467BA
F466BA
ICC
VDD5R
CLKB: 96 MHz
CLKP: 48 MHz
CLKT: 48 MHz
CLKCAN: 48 MHz
120
150
mA
Code fetch from
Flash
ICCH
VDD5R
TA   25 C
30
150
A
At stop mode [5]
TA   105 C
0.4
2.0
mA
TA   125 C
1.0
5.0
mA
TA   25 C
100
500
A
RTC: 4 MHz mode [5]
TA   105 C
0.5
2.4
mA
TA   125 C
1.1
5.4
mA
TA   25 C
50
250
A
RTC: 100 kHz mode
[5]
TA   105 C
0.45
2.2
mA
TA   125 C
1.05
5.2
mA
ILVE
VDD5

70
150
A
External low voltage
detection
ILVI
VDD5R

50
100
A
Internal low voltage
detection
IOSC
VDD5

250
500
A
Main clock (4 MHz)

20
40
A
Sub clock (32 kHz)
Power supply
current
F465BB
F464BB
ICC
VDD5R
CLKB: 100 MHz
CLKP: 50 MHz
CLKT: 50 MHz
CLKCAN: 50 MHz
-
110
140
mA
Code fetch from
Flash
ICCH
VDD5R
TA   25 C
-
30
150
A
At stop mode [5]
TA   105 C-
0.3
2.0
mA
TA   125 C
-
0.75
5.0
mA
TA   25 C
-
100
500
A
RTC: 4 MHz mode [5]
TA   105 C-
0.5
2.4
mA
TA   125 C
-
0.85
5.4
mA
TA   25 C
-
50
250
A
RTC: 100 kHz
mode[5]
TA   105 C-
0.4
2.2
mA
TA   125 C-
0.8
5.2
mA
ILVE
VDD5

70
150
A
External low voltage
detection
ILVI
VDD5R

50
100
A
Internal low voltage
detection
IOSC
VDD5
-
-
250
500
A
Main clock (4 MHz)
-
-
20
40
A
Sub clock (32 kHz)
1.
Pnn_m includes all GPIO pins. Analog (AN) channels and PullUp/PullDown are disabled.
2. ANn includes all pins where AN channels are enabled.
3. Pnn_m includes all GPIO pins. The pull up resistors must be enabled by PPER/PPCR setting and the pins must be in input direction.
4. Pnn_m includes all GPIO pins. The pull down resistors must be enabled by PPER/PPCR setting and the pins must be in input direction.
5. Main regulator OFF, sub regulator set to 1.2V, Low voltage detection disabled.
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com