Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96310 Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor MB96310 Datasheet HTML 42Page - Cypress Semiconductor MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor MB96310 Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 40 of 81
MB96310 Series
36
36CH
Reserved
37
368H
PPG3
Yes
37
Programmable Pulse Generator 3
38
364H
PPG4
Yes
38
Programmable Pulse Generator 4
39
360
Reserved
40
35CH
PPG6
Yes
40
Programmable Pulse Generator 6
41
358H
PPG7
Yes
41
Programmable Pulse Generator 7
42
354H
PPG8
Yes
42
Programmable Pulse Generator 8
43
350H
PPG9
Yes
43
Programmable Pulse Generator 9
44
34CH
Reserved
45
348H
Reserved
46
344H
PPG12
Yes
46
Programmable Pulse Generator 12
47
340H
Reserved
48
33CH
PPG14
Yes
48
Programmable Pulse Generator 14
49
338H
Reserved
50
334H
PPG16
Yes
50
Programmable Pulse Generator 16
51
330H
PPG17
Yes
51
Programmable Pulse Generator 17
52
32CH
PPG18
Yes
52
Programmable Pulse Generator 18
53
328H
PPG19
Yes
53
Programmable Pulse Generator 19
54
324H
RLT0
Yes
54
Reload Timer 0
55
320H
RLT1
Yes
55
Reload Timer 1
56
31CH
RLT2
Yes
56
Reload Timer 2
57
318H
RLT3
Yes
57
Reload Timer 3
58
314H
PPGRLT
Yes
58
Reload Timer 6 - dedicated for PPG
59
310H
ICU0
Yes
59
Input Capture Unit 0
60
30CH
ICU1
Yes
60
Input Capture Unit 1
61
308H
Reserved
62
304H
Reserved
63
300H
ICU4
Yes
63
Input Capture Unit 4
64
2FCH
ICU5
Yes
64
Input Capture Unit 5
65
2F8H
ICU6
Yes
65
Input Capture Unit 6
66
2F4H
Reserved
67
2F0H
Reserved
68
2ECH
ICU9
Yes
68
Input Capture Unit 9
69
2E8H
ICU10
Yes
69
Input Capture Unit 10
70
2E4H
Reserved
71
2E0H
Reserved
72
2DCH
Reserved
Vector
number
Offset in
vector table
Vector name
Cleared by
DMA
Index in ICR
to program
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com