Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96310 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 8Page - Cypress Semiconductor MB96310 Datasheet HTML 9Page - Cypress Semiconductor MB96310 Datasheet HTML 10Page - Cypress Semiconductor MB96310 Datasheet HTML 11Page - Cypress Semiconductor MB96310 Datasheet HTML 12Page - Cypress Semiconductor MB96310 Datasheet HTML 13Page - Cypress Semiconductor MB96310 Datasheet HTML 14Page - Cypress Semiconductor MB96310 Datasheet HTML 15Page - Cypress Semiconductor MB96310 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 11 of 81
MB96310 Series
6. I/O Circuit Type
Type
Circuit
Remarks
A
High-speed oscillation circuit:
• Programmable between oscillation mode (external
crystal or resonator connected to X0/X1 pins) and
Fast external Clock Input (FCI) mode (external clock
connected to X0 pin)
• Programmable feedback resistor = approx.
2 * 0.5 M
. Feedback resistor is grounded in the
center when the oscillator is disabled or in FCI mode
B
Low-speed oscillation circuit:
• Programmable feedback resistor = approx.
2 * 5 M
. Feedback resistor is grounded in the center
when the oscillator is disabled
C
• Mask ROM and EVA device:
CMOS Hysteresis input pin
• Flash device:
CMOS input pin
E
• CMOS Hysteresis input pin
• Pull-up resistor value: approx. 50 k
X1
X0
R
R
MRFBE
Xout
FCI
0
1
FCI or osc disable
X1A
X0A
R
R
SRFBE
Xout
osc disable
R
Hysteresis
inputs
R
Pull-up
Resistor
Hysteresis
inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com