Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96310 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor MB96310 Datasheet HTML 42Page - Cypress Semiconductor MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor MB96310 Datasheet HTML 45Page - Cypress Semiconductor MB96310 Datasheet HTML 46Page - Cypress Semiconductor MB96310 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 42 of 81
MB96310 Series
13. Handling Devices
Special care is required for the following when handling the device:
• Latch-up prevention
• Unused pins handling
• External clock usage
• Unused sub clock signal
• Notes on PLL clock mode operation
• Power supply pins (VCC/VSS)
• Crystal oscillator circuit
• Turn on sequence of power supply to A/D converter and analog inputs
• Pin handling when not using the A/D converter
• Notes on energization
• Stabilization of power supply voltage
• Serial communication
13.1 Latch-up prevention
CMOS IC chips may suffer latch-up under the following conditions:
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC pins and VSS pins.
Latch-up may increase the power supply current dramatically, causing thermal damages to the device.
13.2 Unused pins handling
Unused input pins can be left open when the input is disabled (corresponding bit of Port Input Enable register PIER = 0).
Leaving unused input pins open when the input is enabled may result in misbehavior and possible permanent damage of the device.
They must therefore be pulled up or pulled down through resistors. To prevent latch-up, those resistors should be more than 2 k
.
Unused bidirectional pins can be set either to the output state and be then left open, or to the input state with either input disabled or
external pull-up/pull-down resistor as described above.
13.3 External clock usage
The permitted frequency range of an external clock depends on the oscillator type and configuration. See AC Characteristics for
detailed modes and frequency limits. Single and opposite phase external clocks must be connected as follows:
1. Single phase external clock
• When using a single phase external clock, X0 (X0A) pin must be driven and X1 (X1A) pin left open.
X0
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com