Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5802-DS01-R Datasheet(PDF) 25 Page - Broadcom Corporation.

Part # 5802-DS01-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS01-R Datasheet(HTML) 25 Page - Broadcom Corporation.

Back Button 5802-DS01-R Datasheet HTML 21Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 22Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 23Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 24Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 25Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 17
u16 operation_type; /* Private mode for RSA (0x4) */
u16 q_length; /* Prime q length in bits */
u16 p_length; /* Prime p Length in bits */
u32 p[max_length <= 256 ? 8 : max_length <= 384 ? 12 : 16]; /* Prime p */
u32 q[max_length <= 256 ? 8 : max_length <= 384 ? 12 : 16]; /* Prime q */
u32 dp[max_length <= 256 ? 8 : max_length <= 384 ? 12 : 16];/* CRT private exponent dp
*/
u32 dp[max_length <= 256 ? 8 : max_length <= 384 ? 12 : 16];/* CRT private exponent dq
*/
u32 pinv[max_length <= 256 ? 8 : max_length <= 384 ? 12 : 16]; /* CRT coefficient */
} Pri_RSA_CtxCmdBuf;
where max_length = (p_length > q_length) ? p_length : q_length;
/*DSA signing */
typedef struct DSA_SIGN_CtxCmdBuf_struct {
u16 total_command_structure_length;
u16 operation_type; /* Signing mode for DSA (0x5) */
u16 sha1_enable; /* hash of message performed by SHA1 unit or provided by SW
sha1_enable = 0x0 -> hash provided by SW
sha1_enable = 0x1 -> hash performed by SHA1 unit */
u16 reserved;
u16 rng_enable; /* Random number k generated by RNG or provided by SW
rng_enable = 0x0 -> k provided by SW
rng_enable = 0x1 -> k generated by RNG */
u16 p_length; /* Modulus p length in bits */
u32 q[5]; /* Modulus q */
u32 p[(p_length <= 512)? 16 : (p_length <= 768)? 24 : 32]; /* Modulus p */
u32 g[(p_length <= 512)? 16 : (p_length <= 768)? 24 : 32]; /* Generator g */
u32 x[5]; /* Private key x */
} DSA_SIGN_CtxCmdBuf;
/*DSA Verification */
typedef struct DSA_VERIFY_CtxCmdBuf_struct {
u16 total_command_structure_length;
u16 operation_type; /* Verification mode for DSA (0x6)*/
u16 sha1_enable; /* hash of message performed by SHA1 unit or provided by SW
sha1_enable = 0x0 -> hash provided by SW
sha1_enable = 0x1 -> hash performed by SHA1 unit */
u16 reserved;
u16 reserved;
u16 p_length; /* Modulus p length in bits */
u32 q[5]; /* Modulus q */
u32 p[(p_length <= 512)? 16 : (p_length <= 768)? 24 : 32]; /* Modulus p */
u32 g[(p_length <= 512)? 16 : (p_length <= 768)? 24 : 32]; /* Generator g */
u32 y[(p_length <= 512)? 16 : (p_length <= 768)? 24 : 32]; /* Public key y */
} DSA_VERIFY_CtxCmdBuf
/* RNG Bypass */
typedef struct RNG_BYPASS_CtxCmdBuf_struct {
u16 total_command_structure_length; /* 64 bytes long as required by PCI access */
u16 operation_type; /* Bypass RNG mode for RNG (0x41) */
} RNG_BYPASS_CtxCmdBuf
/* RNG SHA1 */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com