Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5802-DS01-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # 5802-DS01-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS01-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button 5802-DS01-R Datasheet HTML 42Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 43Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 44Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 45Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 46Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 47Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 48Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 49Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 50Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Electrical and Timing Specifications
Page 39
Section 5 : E le ctrica l a n d Ti m i ng Sp ec ifications
FRAME# and PERR# pins violated VIH PCI specification very slightly at the corners of the operating temperature range. All
other pins are within the PCI DC Specifications. All the pins, including FRAME# and PERR#, satisfy the PCI Timing
Specifications.
Table 30:
Electrical and Timing Specifications
Parameter
Typical
Description
PCI Compliance
3.3V and 5V
Over the range of 25-33 MHz PCI clocks
Supply Voltage
3.3V
±5%
Power Consumption
1.2W
Typical power consumption at 33 MHz
I/O Buffers
3.3V
Operating Temperature
0-70C
Within the commercial temperature range
Timing Specification for the I/O Pins
Follows the PCI 2.2 timing specification
The BCM5802 works in both 3.3V and 5V PCI environments
Table 31:
PCI Pin DC Specifications
Symbol
Parameter
Condition
Min
Max
Units
VCC
Supply Voltage
3.135
3.465
V
VIH(FRAME#)
Input High Voltage for FRAME# pin
0.52VCC
VCC + 0.5
V
VIH(PERR#)
Input High Voltage for PERR# pin
0.52VCC
VCC + 0.5
V
VIH
Input High Voltage for all other pins
0.50VCC
VCC + 0.5
V
VIL
Input Low Voltage
-0.5
0.3VCC
V
VIPU
Input Pull-up Voltage
0.7VCC
V
VOH
Output High Voltage
IOUT = -0.5 mA
0.9VCC
V
VOL
Output Low Voltage
IOUT = 1.5 mA
0.1VCC
V
CIN
Input Pin Capacitance
5
12
pF
CCLK
PCI_CLK Pin Capacitance
8
pF
LPIN
Pin Inductance
20
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com