| Electronic Components Datasheet Search |
|
5802-DS01-R Datasheet(PDF) 33 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5802-DS01-R Datasheet(HTML) 33 Page - Broadcom Corporation. |
|
33 / 50 page ![]() Production Specification ■ BCM5802 07/03/02 B roa dcom Co rpo rat ion Document 5802-DS03-405-R Memory Structures Page 25 Table 11: RSA Public Key Command Context Table 12: RSA Private Key Command Context MSB LSB 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Operation Type RSA Public Key Operation (0x03) Total Command Context Structure Length Modulus N Length Exponent E Length Modulus N - RSA keying material, (512, 768, 1024 bits, lowest word of key) Modulus N - RSA keying material, (512, 768, 1024 bits, 2nd lowest word of key) …… Modulus N - RSA keying material, (512, 768, 1024 bits, highest word of key) Exponent E - RSA keying material, (lowest word of key) Exponent E - RSA keying material, (2nd lowest word of key) …… Exponent E - RSA keying material, (highest word of key) MSB LSB 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Operation Type RSA Private Key Operation with CRT (0x04) Total Command Context Structure Length Prime p Length Prime q Length Prime p - RSA keying material, (256, 384, 512 bits, lowest word of parameter) Prime p - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter) …… Prime p - RSA keying material, (256, 384, 512 bits, highest word of parameter) Prime q - RSA keying material, (256, 384, 512 bits, lowest word of parameter) Prime q - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter) …… Prime q - RSA keying material, (256, 384, 512 bits, highest word of parameter) CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, lowest word of parameter) CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter) …… CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, highest word of parameter) CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, lowest word of parameter) CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter) …… CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, highest word of parameter) CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, lowest word of parameter) CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter) …… CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, highest word of parameter) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |