Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS04-R Datasheet(PDF) 67 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 67 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 69Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 71Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Interrupt Register
Page 55
INTERRUPT REGISTER
FDX LED Enable. Setting this bit enables the FDX LED status to output serial LED data in serial LED mode. See
Table 6 on page 29 for details.
INTR Enable. Setting this bit enables Interrupt mode. The state of this bit also affects which status signals are shifted out
on the serial LED data in Serial LED mode. See Table 6 on page 29 for details.
FDX Mask. When this bit is set, changes in duplex mode do not generate an interrupt.
SPD Mask. When this bit is set, changes in operating speed do not generate an interrupt.
LINK Mask. When this bit is set, changes in link status do not generate an interrupt.
INTR Mask. Master interrupt mask. When this bit is set, no interrupts are generated regardless of the state of the other mask
bits.
Global Interrupt Indicator. A 1 indicates an Interrupt is present within the BCM5228.
FDX Change. A 1 indicates a change of duplex status since last register read. A register read clears the bit.
SPD Change. A 1 indicates a change of speed status since last register read. A register read clears the bit.
LINK Change. A 1 indicates a change of link status since last register read. A register read clears the bit.
Table 34: Interrupt Register (Address 26d, 1Ah)
BIt
Name
R/W
Description
Default
15
FDX LED Enable
R/W
FDX LED enable in serial LED stream
0
14
INTR Enable
R/W
Interrupt enable
0
13:12
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–00
11
FDX Mask
R/W
Full-duplex interrupt mask
1
10
SPD Mask
R/W
SPEED interrupt mask
1
9
LINK Mask
R/W
LINK interrupt mask
1
8
INTR Mask
R/W
Master interrupt mask
1
7:5
Reserveda
–
–000
4
Global Interrupt
Indicator
RO
1= Indicates an interrupt is present within the
BCM5228
0
3
FDX Change
RO, LH
Duplex change interrupt
0
2
SPD Change
RO, LH
Speed change interrupt
0
1
LINK Change
RO, LH
Link change interrupt
0
0
INTR Status
RO, LH
Interrupt status
0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com