Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS04-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 15Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 16Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 17Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 18Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 19Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 20Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Interrupt Mode
Page 7
Transmit data and control information are passed from the MAC to the PHY in 10 bit frames, as in the receive path. In
100 Mbps mode, each frame represents a new byte of data. In 10 Mbps mode, each byte of data is repeated 10 times, and
the PHY can transmit any one of every 10 frames.
INTERRUPT MODE
The BCM5228 can be programmed to provide an interrupt output consisting of an OR of the eight interrupts, one from each
PHY. The interrupt feature is disabled by default. The interrupt capability is enabled by setting MII register 1Ah, bit 14. The
SLED_DO pin becomes the INTR# pin, when the SERIAL_EN is pulled low during power-up reset. If a serial LED mode is
required, hardware interrupt can be obtained by wire ORing LED2{1:8} open drain outputs and programming LED2 to output
interrupt by setting TXER/LED1{5:3} pins to a 5 during power-on reset. The status of each interrupt source is also reflected
in register 1Ah, bits 1, 2 and 3. The sources of interrupt are change in link, speed or full-duplex status. If any type of interrupt
occurs, the Interrupt Status bit, register 1Ah, bit 0 is set.
In addition, each transceiver has its own register controlling the interrupt function.
If the interrupt enable bit is set to 0, no status bits sets, and no interrupts are generated. If the interrupt enable bit is set to
1, the following conditions apply:
•
If mask status bits are to 0 and the interrupt mask is set to 1, status bits are set but no interrupts are generated.
•
If mask status bits are set to 0 and the interrupt mask is set to 0, status bits and interrupts are available.
•
If mask status bits are set to 1 and the interrupt mask is set to 0, no status bits and no interrupts are available.
Changes from active to inactive or vice versa causes an interrupt. Setting register 1Ah, bit 8 high masks all interrupts,
regardless of the settings of the individual mask bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com