Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS04-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 9Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 10Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 11Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 12Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 13Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 14Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 15Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 16Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Functional Description
Page 1
Secti on 1: Fu nction al Descri p ti on
OVERVIEW
The BCM5228 is a single-chip device containing eight independent Fast Ethernet transceivers. Each transceiver performs
all of the physical layer interface functions for 100BASE-TX full-duplex or half-duplex Ethernet on Category 5 unshielded
twisted-pair (UTP) cable, and 10BASE-T full-duplex or half-duplex Ethernet on Category 3, 4, or 5 UTP cable. Each port can
also be configured for 100BASE-FX full-duplex or half-duplex transmission over fiber-optic cabling when paired with an
external fiber-optic line driver and receiver.
The chip performs:
•
4B5B, MLT3, NRZI, and Manchester encoding and decoding
•
Clock and data recovery
•
Stream cipher scrambling/descrambling
•
Digital adaptive equalization
•
Line transmission
•
Carrier sense and link integrity monitor
•
Auto-negotiation
•
RMII, SMII, S3MII, and management functions
The BCM5228 can be connected to a MAC through the RMII or SMII on one side, and directly to the network media on the
other side through either:
•
Isolation transformers for UTP modes
•
Fiber-optic transmitter/receiver components for FX mode
The BCM5228 is compliant with the IEEE 802.3 standard.
ENCODER/DECODER
In 100BASE-TX and 100BASE-FX modes, the BCM5228 transmits and receives a continuous data stream on twisted-pair
or fiber-optic cable. When the RMII Transmit Enable pin is asserted, data from the transmit data pins is encoded into 5-bit
code groups and inserted into the transmit data stream. The 4B5B encoding is shown in Table 1 on page 4. The transmit
packet is encapsulated by replacing the first two nibbles of preamble with a start-of-stream delimiter (J/K codes) and
appending an end-of-stream delimiter (T/R codes) to the end of the packet. The transmitter repeatedly sends the idle code
group between packets.
In TX mode, the encoded data stream is scrambled by a stream cipher block and then serialized and encoded into MLT3
signal levels. A multimode transmit DAC is used to drive the MLT3 data onto the twisted-pair cable. In FX mode, the
scrambling function is bypassed and the data is NRZI encoded. The multimode transmit DAC drives differential positive ECL
(PECL) levels to an external fiber-optic transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com