Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1069G Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1069G Datasheet HTML 1Page - Cypress Semiconductor CY7C1069G Datasheet HTML 2Page - Cypress Semiconductor CY7C1069G Datasheet HTML 3Page - Cypress Semiconductor CY7C1069G Datasheet HTML 4Page - Cypress Semiconductor CY7C1069G Datasheet HTML 5Page - Cypress Semiconductor CY7C1069G Datasheet HTML 6Page - Cypress Semiconductor CY7C1069G Datasheet HTML 7Page - Cypress Semiconductor CY7C1069G Datasheet HTML 8Page - Cypress Semiconductor CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CY7C1069G
CY7C1069GE
16-Mbit (2M words × 8 bit) Static RAM
with Error-Correcting Code (ECC)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-81539 Rev. *J
Revised December 5, 2017
16-Mbit (2M words × 8 bit) Static RAM with Error-Correcting Code (ECC)
Features
■ High speed
❐ tAA = 10 ns
■ Embedded error-correcting code (ECC) for single-bit error
correction
■ Low active and standby currents
❐ ICC = 90 mA typical at 100 MHz
❐ ISB2 = 20 mA typical
■ Operating voltage range: 1.65 V to 2.2 V, 2.2 V to 3.6 V, 4.5 V
to 5.5 V
■ 1.0-V data retention
■ Transistor-transistor logic (TTL) compatible inputs and outputs
■ ERR pin to indicate 1-bit error detection and correction
■ Available in Pb-free 54-pin TSOP II, and 48-ball VFBGA
packages
Functional Description
The CY7C1069G and CY7C1069GE are dual chip enable
high-performance CMOS fast static RAM devices with
embedded ECC. The CY7C1069G device is available in
standard pin configurations. The CY7C1069GE device includes
a single bit error indication pin (ERR) that signals the host
processor in the case of an ECC error-detection and correction
event.
To write to the device, take Chip Enables (CE1 LOW and CE2
HIGH) and Write Enable (WE) input LOW. Data on the eight I/O
pins (I/O0 through I/O7) is then written into the location specified
on the address pins (A0 through A20).
To read from the device, take Chip Enables (CE1 LOW and CE2
HIGH) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. Under these conditions, the contents of the
memory location specified by the address pins will appear on the
I/O pins. See Truth Table – CY7C1069G/CY7C1069GE on page
14 for a complete description of Read and Write modes. The
input and output pins (I/O0 through I/O7) are placed in a high
impedance state when the device is deselected (CE1 HIGH or
CE2 LOW), the outputs are disabled (OE HIGH), or during a write
operation (CE1 LOW, CE2 HIGH, and WE LOW).
On CY7C1069GE devices, the detection and correction of a
single-bit error in the accessed location is indicated by the
assertion of the ERR output (ERR = High) [1].
All I/Os (I/O0 through I/O7) are placed in a high impedance state
when the device is deselected (CE1 HIGH or CE2 LOW), and
control signals are de-asserted (CE1 / CE2, OE, WE).
CY7C1069G and CY7C1069GE devices are available in a
54-pin TSOP II package with center power and ground
(revolutionary) pinout, and in a 48-ball VFBGA package.
For a complete list of related documentation, here.
Note
1. Automatic write back on error detection feature is not supported in this device.


Similar Part No. - CY7C1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069GN CYPRESS-CY7C1069GN Datasheet
1Mb / 15P
16-Mbit (2M 횞 8) Static RAM
CY7C1069GN30-10BVXI CYPRESS-CY7C1069GN30-10BVXI Datasheet
1Mb / 15P
16-Mbit (2M 횞 8) Static RAM
CY7C1069GN30-10BVXIT CYPRESS-CY7C1069GN30-10BVXIT Datasheet
1Mb / 15P
16-Mbit (2M 횞 8) Static RAM
CY7C1069GN30-10ZSXI CYPRESS-CY7C1069GN30-10ZSXI Datasheet
1Mb / 15P
16-Mbit (2M 횞 8) Static RAM
CY7C1069GN30-10ZSXIT CYPRESS-CY7C1069GN30-10ZSXIT Datasheet
1Mb / 15P
16-Mbit (2M 횞 8) Static RAM
More results

Similar Description - CY7C1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7S1049G CYPRESS-CY7S1049G Datasheet
593Kb / 21P
4-Mbit (512K words 횞 8 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com