Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240U080D Datasheet(PDF) 3 Page - International Rectifier

Part # 240U080D
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

240U080D Datasheet(HTML) 3 Page - International Rectifier

  240U080D Datasheet HTML 1Page - International Rectifier 240U080D Datasheet HTML 2Page - International Rectifier 240U080D Datasheet HTML 3Page - International Rectifier 240U080D Datasheet HTML 4Page - International Rectifier 240U080D Datasheet HTML 5Page - International Rectifier 240U080D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
240U(R).. Series
3
www.irf.com
Bulletin I2029 rev. D 09/03
Outline Table
240U(R) Series
Conforms to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
Ordering Information Table
24
0
U
R 120 D
1
2
3
4
5
Device Code
1
- 24
= Essential Part Number
2
- 0
= Standard Device
3
- U
= Stud Normal Polarity (Cathode to Stud)
4
- None = Stud Normal Polarity (Cathode to Stud)
5
R
= Stud Reverse Polarity (Anode to Stud)
5
- Voltage code: Code x 10 = V
RRM (See Voltage Ratings table)
6
- Diffused diode
Note = For Metric Device M16 x 1.5 Contact Factory
6
* FOR METRIC DEVICE: M16 X 1.5
CONTACT FACTORY
FOR DIFFERENT LEAD
CONTACT FACTORY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com