Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240U080D Datasheet(PDF) 4 Page - International Rectifier

Part # 240U080D
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

240U080D Datasheet(HTML) 4 Page - International Rectifier

  240U080D Datasheet HTML 1Page - International Rectifier 240U080D Datasheet HTML 2Page - International Rectifier 240U080D Datasheet HTML 3Page - International Rectifier 240U080D Datasheet HTML 4Page - International Rectifier 240U080D Datasheet HTML 5Page - International Rectifier 240U080D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
240U(R).. Series
4
www.irf.com
Bulletin I2029 rev. D 09/03
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
20 40 60 80 100 120 140 160 180
RthSA
=
0.1
K/W
- Delta
R
0.2
K/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
3 K/W
1.5 K/W
0
20 40 60 80 100 120 140 160 180
0.2
K/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
3 K/W
1.5 K/W
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
240U(R)..
Tj = 180˚C
80
90
100
110
120
130
140
150
160
170
180
0
50
100 150 200 250 300 350
30˚
60˚
90˚
120˚
180˚
Conduction Angle
240U(R)
RthJC (DC) = 0.18 K/W
60
80
100
120
140
160
180
0
100
200
300
400
500
600
30˚
60˚
90˚
180˚
DC
120˚
240U(R)
RthJC (DC) = 0.18 K/W
Conduction Period
0
100
200
300
400
500
600
0
100
200
300
400
500
600
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
240U(R) Series
Tj = 180˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com