Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240U080D Datasheet(PDF) 5 Page - International Rectifier

Part # 240U080D
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

240U080D Datasheet(HTML) 5 Page - International Rectifier

  240U080D Datasheet HTML 1Page - International Rectifier 240U080D Datasheet HTML 2Page - International Rectifier 240U080D Datasheet HTML 3Page - International Rectifier 240U080D Datasheet HTML 4Page - International Rectifier 240U080D Datasheet HTML 5Page - International Rectifier 240U080D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
240U(R).. Series
5
www.irf.com
Bulletin I2029 rev. D 09/03
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge
Current
Fig. 6 - Maximum Non-Repetitive Surge
Current
Fig. 8 - Thermal Impedance ZthJC Characteristic
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration(s)
Instantaneous Forward Voltage (V)
Square Wave Pulse Duration (s)
2200
2400
2600
2800
3000
3200
3400
3600
3800
4000
1
10
100
Per Junction
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 180˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Per Junction
Of Conduction May Not Be Maintained.
Initial T j = 180˚C
No Voltage Reapplied
Rated V rrm Reapplied
10
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
Tj = 25˚C
Tj = 180˚C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Steady State Value
RthJC per junction = 0.18 K/W
DC Operation)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com