Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4154 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4154
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154 Datasheet(HTML) 5 Page - Analog Devices

  ADF4154 Datasheet HTML 1Page - Analog Devices ADF4154 Datasheet HTML 2Page - Analog Devices ADF4154 Datasheet HTML 3Page - Analog Devices ADF4154 Datasheet HTML 4Page - Analog Devices ADF4154 Datasheet HTML 5Page - Analog Devices ADF4154 Datasheet HTML 6Page - Analog Devices ADF4154 Datasheet HTML 7Page - Analog Devices ADF4154 Datasheet HTML 8Page - Analog Devices ADF4154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADF4154
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings.1, 2, 3 TA = 25°C, unless
otherwise noted.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
VDD to VDD
−0.3 V to +0.3 V
VP to GND
−0.3 V to +5.8 V
VP to VDD
−0.3 V to +5.8 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
REFIN, RFIN to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
TSSOP θJA Thermal Impedance
150.4°C/W
LFCSP θJA Thermal Impedance
(Paddle Soldered)
122°C/W
LFCSP θJA Thermal Impedance
(Paddle Not Soldered)
216°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 This device is a high performance RF integrated circuit with an ESD rating of
< 2 kV, and it is ESD sensitive. Proper precautions should be taken for
handling and assembly.
2 GND = AGND = DGND = 0 V.
3 VDD = AVDD = DVDD = SDVDD.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com