Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4154 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4154
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4154 Datasheet HTML 6Page - Analog Devices ADF4154 Datasheet HTML 7Page - Analog Devices ADF4154 Datasheet HTML 8Page - Analog Devices ADF4154 Datasheet HTML 9Page - Analog Devices ADF4154 Datasheet HTML 10Page - Analog Devices ADF4154 Datasheet HTML 11Page - Analog Devices ADF4154 Datasheet HTML 12Page - Analog Devices ADF4154 Datasheet HTML 13Page - Analog Devices ADF4154 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADF4154
Rev. 0 | Page 10 of 20
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4154 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 (see Table 9).
Figure 21 shows the MUXOUT section in block diagram form.
The N-channel, open-drain, analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When lock has been detected, the lock detect is high with
narrow low-going pulses.
R-DIVIDER OUTPUT
N-DIVIDER OUTPUT
ANALOG LOCK DETECT
DGND
CONTROL
MUX
MUXOUT
DVDD
LOGIC LOW
FAST-LOCK CONTROL
THREE-STATE OUTPUT
DIGITAL LOCK DETECT
LOGIC HIGH
Figure 21. MUXOUT Schematic
INPUT SHIFT REGISTERS
The ADF4154 digital section includes a 4-bit RF R counter, a
9-bit RF N counter, a 12-bit FRAC counter, and a 12-bit
modulus counter. Data is clocked into the 24-bit shift register
on each rising edge of CLK. The data is clocked in MSB first.
Data is transferred from the shift register to one of four latches
on the rising edge of LE. The destination latch is determined by
the state of the two control bits (C2 and C1) in the shift register.
These are the 2 LSBs, DB1, and DB0, as shown in Figure 2. The
truth table for these bits is shown in Table 5. Table 6 shows a
summary of how the latches are programmed.
PROGRAM MODES
Table 5 through Table 10 show how to set up the program
modes in the ADF4154.
The ADF4154 programmable modulus is double-buffered. This
means that two events have to occur before the part uses a new
modulus value. First, the new modulus value is latched into the
device by writing to the R-divider register. Second, a new write
must be performed on the N-divider register. Therefore, when-
ever the modulus value is updated, the N-divider register must
then be written to so that the modulus value is loaded correctly.
Table 5. C2 and C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
N-divider register
0
1
R-divider register
1
0
Control register
1
1
Noise and spur register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com