Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4154 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4154
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4154 Datasheet HTML 5Page - Analog Devices ADF4154 Datasheet HTML 6Page - Analog Devices ADF4154 Datasheet HTML 7Page - Analog Devices ADF4154 Datasheet HTML 8Page - Analog Devices ADF4154 Datasheet HTML 9Page - Analog Devices ADF4154 Datasheet HTML 10Page - Analog Devices ADF4154 Datasheet HTML 11Page - Analog Devices ADF4154 Datasheet HTML 12Page - Analog Devices ADF4154 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADF4154
Rev. 0 | Page 9 of 20
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 17. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that the REFIN pin is not loaded on
power-down.
BUFFER
TO R COUNTER
REFIN
100k
Ω
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 17. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 18. It is followed by a
2-stage limiting amplifier to generate the current mode logic
(CML) clock levels needed for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
2k
Ω
2k
Ω
RFINB
RFINA
Figure 18. RF Input Stage
RF INT DIVIDER
The RF INT CMOS counter allows a division ratio in the PLL
feedback counter. Division ratios from 31 to 511 are allowed.
INT, FRAC, MOD, AND R RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
R counter, make it possible to generate output frequencies that
are spaced by fractions of the phase frequency detector (PFD).
See the RF Synthesizer: A Worked Example section for more
information. The RF VCO frequency (RFOUT) equation is
(
)
(
)
MOD
FRAC
INT
F
RF
PFD
OUT
+
×
=
(1)
where RFOUT is the output frequency of the external voltage
controlled oscillator (VCO).
(
) R
D
REF
F
IN
PFD
+
×
=
1
(2)
where:
REFIN
is the reference input frequency.
D
is the REFIN doubler bit.
R
is the preset divide ratio of binary 4-bit programmable
reference counter (1 to 15).
INT
is the preset divide ratio of binary 9-bit counter (31 to 511).
MOD
is the preset modulus ratio of binary 12-bit program-
mable FRAC counter (2 to 4095).
FRAC
is the preset fractional ratio of binary 12-bit
programmable FRAC counter (0 to MOD).
RF R COUNTER
The 4-bit RF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 15 are allowed.
THIRD ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N-DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N COUNTER
Figure 19. A and B Counters
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 20 is a simplified schematic.
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, which is typically 3 ns. This pulse
ensures that there is no dead zone in the PFD transfer function
and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 20. PFD Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com