Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMSR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMSR
Description  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280041PMSR Datasheet(HTML) 39 Page - Texas Instruments

Back Button F280041PMSR Datasheet HTML 35Page - Texas Instruments F280041PMSR Datasheet HTML 36Page - Texas Instruments F280041PMSR Datasheet HTML 37Page - Texas Instruments F280041PMSR Datasheet HTML 38Page - Texas Instruments F280041PMSR Datasheet HTML 39Page - Texas Instruments F280041PMSR Datasheet HTML 40Page - Texas Instruments F280041PMSR Datasheet HTML 41Page - Texas Instruments F280041PMSR Datasheet HTML 42Page - Texas Instruments F280041PMSR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
39
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4.3.3
Power and Ground
Table 4-4. Power and Ground
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ
64
PMQ
64 PM
56 RSH
VDD
1.2-V Digital Logic Power Pins. TI
recommends placing a decoupling capacitor
near each VDD pin with a minimum total
capacitance of approximately 20 µF. When
not using the internal voltage regulator, the
exact value of the decoupling capacitance
should be determined by your system voltage
regulation solution.
4, 46,
71, 87
27, 4,
44, 59
27, 4,
44, 59
24, 41,
5, 53
VDDA
3.3-V Analog Power Pins. Place a minimum
2.2-µF decoupling capacitor to VSSA on each
pin.
11, 34
22
22
20
VDDIO
3.3-V Digital I/O Power Pins. Place a
minimum 0.1-µF decoupling capacitor on each
pin.
3, 47,
70, 88
28, 43,
60
28, 43,
60
25, 40,
54
VDDIO_SW
Supply pin for the internal DC-DC regulator. If
the internal DC-DC regulator is used, a bulk
input capacitance of 20-µF should be placed
on this pin. If the internal DC-DC regulator is
not used, this pin should be treated as a
VDDIO pin.
80
53
53
48
VSS
Digital Ground
45, 5,
72, 86
26, 45,
5, 58
26, 45,
5, 58
PAD
VSSA
Analog Ground
12, 33
21
21
19
VSS_SW
Internal DC-DC regulator ground. If the
internal DC-DC regulator is not used, this pin
must be treated as a VSS pin.
82
55
55
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com