Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMSR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMSR
Description  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280041PMSR Datasheet(HTML) 13 Page - Texas Instruments

Back Button F280041PMSR Datasheet HTML 9Page - Texas Instruments F280041PMSR Datasheet HTML 10Page - Texas Instruments F280041PMSR Datasheet HTML 11Page - Texas Instruments F280041PMSR Datasheet HTML 12Page - Texas Instruments F280041PMSR Datasheet HTML 13Page - Texas Instruments F280041PMSR Datasheet HTML 14Page - Texas Instruments F280041PMSR Datasheet HTML 15Page - Texas Instruments F280041PMSR Datasheet HTML 16Page - Texas Instruments F280041PMSR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 218 page
background image
76
GPIO3
50
GPIO13
77
GPIO2
49
FLT1
78
GPIO1
48
FLT2
79
GPIO0
47
VDDIO
80
VDDIO_SW
46
VDD
81
GPIO23_VSW
45
VSS
82
VSS_SW
44
C14
83
GPIO22_VFBSW
43
PGA7_IN
84
GPIO7
42
PGA7_GND
85
GPIO40
41
B0
86
VSS
40
A10,B1,C10,PGA7_OF
87
VDD
39
B4,C8,PGA4_OF
88
VDDIO
38
A9
89
GPIO5
37
A8,PGA6_OF
90
GPIO9
36
A4,B8,PGA2_OF
91
GPIO39
35
A5
92
GPIO59
34
VDDA
93
GPIO10
33
VSSA
94
GPIO34
32
PGA2_GND,PGA4_GND,PGA6_GND
95
GPIO15
31
C3,PGA4_IN
96
GPIO14
30
PGA2_IN
97
GPIO6
29
C1
98
GPIO30
28
C5,PGA6_IN
99
GPIO31
27
VREFLOA
100
GPIO29
26
VREFLOB,VREFLOC
Not to scale
13
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagrams
Figure 4-1 shows the pin assignments on the 100-pin PZ Low-Profile Quad Flatpack. Figure 4-2 shows the
pin assignments on the 64-Pin PM Low-Profile Quad Flatpack. Figure 4-3 shows the pin assignments on
the 64-Pin PM Low-Profile Quad Flatpack for the Q-temperature device. Figure 4-4 shows the pin
assignments on the 56-Pin RSH Very Thin Quad Flatpack No-Lead.
A.
Only the GPIO function is shown on GPIO terminals. See Section 4.3 for the complete, muxed signal name.
Figure 4-1. 100-Pin PZ Low-Profile Quad Flatpack (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com