Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA003T Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 2Page - STMicroelectronics STA003T Datasheet HTML 3Page - STMicroelectronics STA003T Datasheet HTML 4Page - STMicroelectronics STA003T Datasheet HTML 5Page - STMicroelectronics STA003T Datasheet HTML 6Page - STMicroelectronics STA003T Datasheet HTML 7Page - STMicroelectronics STA003T Datasheet HTML 8Page - STMicroelectronics STA003T Datasheet HTML 9Page - STMicroelectronics STA003T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SCLK_POL=0
SCLK_POL=2
SCKR
SCKR
SDI
BIT_EN
D98AU968
DATA
IGNORED
Figure 5. Serial Input Interface Clocks
CHANNEL
DECODER
µP
MPEG
DECODER
IIC
D97AU665A
IIC
SDO
SCKT
LRCKT
SERIAL AUDIO INTERFACE
SDI
SCKR
BIT_EN
XTO
MASTER CLK
DAC
RX
TX
XTI
FILT
PLL
OCLK
SCL
SDA
SRC-INT
Figure 4. MPEG Decoder Interfaces.
2.2 - Serial Input Interface
STA003T receives the input data thought the Se-
rial Input Interface (Fig.4). It is a serial communi-
cation interface connected to the SDI (Serial Data
Input) and SCKR (Receiver Serial Clock).
The interface can be configured to receive data
sampled on both rising and falling edge of the
SCKR clock.The BIT_EN pin, when set to low,
forces the bitstream input interface to ignore the
incoming data. The possible configurations are
described in Fig. 5.
The bitstream must be sent MSB first to
STA003T.
2.3 - PLL & Clocks Generation System
The STA003T has a clock generation system that
is used by the device core to adjust the core
speed, for power saving, adapting the processing
speed to the needs of the decoded audio pro-
gram. The clocks generation system is even used
to generate all the PCM output interface clocks:
SCKT, LRCKT, and OCLK.
The block diagram in Fig. 6 is a description of
STA003T clocks generation system. The input of
STA003T clocks system is a 14.72MHz input
clock.
Internally it is composed by a PLL loop, and the
VCO output is fed into a divider stage, used to
program the Core speed and the PCM interface
clocks. Several registers are programmed by the
Layer III decoder core, and by the user, when a
specific interface configuration is required.
The PLL can be programmed by a set of regis-
ters, as described in the I2C Registers section,
The particularity of the STA003T clocks genera-
tion system is the possibility to modify the Audio
Sampling Frequency (LRCKT) in steps of few
ppm to compensate dynamically the audio sam-
pling rate offset between the receiver and the
broadcasting station.
The compensation is done by the STA003T core
without requiring interaction with the application
controller and the sampling rate compensation
produces a jittering effect outside the audible
range.
The device implements a sampling rate offset
control receiving by STA002 (WorldSpace Chan-
nel Decoder) a dedicated signal every decoded
Broadcast Channel Frame (432ms).
STA003T
6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com