Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D103 Datasheet(PDF) 69 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
69
Revision 0.4 (04-04-05)
DATASHEET
Note: The range numbers will be used to calculate the slope of the PWM ramp up. For the fractional
entries, the PWM will go on full when the temp reaches the next integer value e.g., for 3.33,
PWM will be full on at (min. temp + 4).
8.2.17
Register 62h, 63h: PWM Ramp Rate Control
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
The duty cycle will be set to the Minimum Fan Duty Cycle when the measured temperature falls below
the Temperature LIMIT register setting for the corresponding PWM.
Description of Ramp Rate Control bits:
If the Remote1 or Remote2 pins are connected to a processor or chipset, instantaneous temperature
spikes may be sampled by the part. The auto fan control logic calculates the PWM duty cycle for all
temperature readings. If Ramp Rate Control is disabled, the PWM output will jump or oscillate
between different PWM duty cycles causing the fan to suddenly change speeds, which creates
unwanted fan noise. If enabled, the PWM Ramp Rate Control logic will prevent the PWM output from
jumping, instead the PWM will ramp up/down towards the new duty cycle at a pre-determined ramp
rate.
Ramp Rate Control
The Ramp Rate Control logic limits the amount of change to the PWM duty cycle over a period of time.
This period of time is programmable via the Ramp Rate Control bits. For a detailed description of the
Ramp Rate Control bits see Table 8.31. For a description of the Ramp Rate Control logic see Ramp
Rate Control Logic on page 39.
Note:
■
RR1E, RR2E, and RR3E enable PWM Ramp Rate Control for PWM 1, 2, and 3 respectively.
■
RR1-2, RR1-1, and RR1-0 control ramp rate time for PWM 1
■
RR2-2, RR2-1, and RR2-0 control ramp rate time for PWM 2
■
RR3-2, RR3-1, and RR3-0 control ramp rate time for PWM 3
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32
1101
40
1110
53.33
1111
80
Table 8.30 Register 62h, 63h: Min/Off, PWM Ramp Rate Control
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
62h
R/W
PWM 1 Ramp Rate Control
RES
RES
RES
RES
RR1E
RR1-2
RR1-1
RR1-0
E0h
63h
R/W
PWM 2, PWM 3 Ramp
Rate Control
RR2E
RR2-2
RR2-1
RR2-0
RR3E
RR3-2
RR3-1
RR3-0
00h
Table 8.29 Register Setting vs. Temperature Range (continued)
RAN[3:0]
RANGE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com