Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D103 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC6D103 Datasheet HTML 1Page - SMSC Corporation EMC6D103 Datasheet HTML 2Page - SMSC Corporation EMC6D103 Datasheet HTML 3Page - SMSC Corporation EMC6D103 Datasheet HTML 4Page - SMSC Corporation EMC6D103 Datasheet HTML 5Page - SMSC Corporation EMC6D103 Datasheet HTML 6Page - SMSC Corporation EMC6D103 Datasheet HTML 7Page - SMSC Corporation EMC6D103 Datasheet HTML 8Page - SMSC Corporation EMC6D103 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
SMSC EMC6D103
DATASHEET
Revision 0.4 (04-04-05)
Datasheet
PRODUCT FEATURES
EMC6D103
Fan Control Device with
High Frequency PWM
Support and Hardware
Monitoring Features
■ 3.3 Volt Operation (5 Volt Tolerant Input Buffers)
■ SMBus 2.0 Compliant Interface (Fixed, not
Discoverable) with Three Slave Address Options
■ Fan Control
— PWM (Pulse width Modulation) Outputs (3)
— Fan Tachometer Inputs (4)
— Programmable automatic fan control based on
temperature
— Backwards compatible with fans requiring lower
frequency PWM drive
— High frequency fan support for 4 wire fans
— One fan can be controlled from as many as 3
temperature zones
— Fan ramp rate control for acoustic noise reduction
■ Power Savings Modes
— Two monitoring modes: continuous or cycling (for power
savings)
— Two low power modes when monitoring if off: Sleep and
Shutdown
■ Temperature Monitor
— Monitoring of Two Remote Thermal Diodes (+/- 3 deg
C accuracy)
— Internal Ambient Temperature Measurement
— Limit Comparison of all Monitored Values
— Interrupt Pin for out-of-limit Temperature Indication
■ Voltage Monitor
— Monitor Power supplies (+2.5V, +5V, +12V, Vccp, and
VCC)
— Limit Comparison of all Monitored Values
— Interrupt Pin for out-of-limit Voltage Indication
■ 5 VID (Voltage Identification) Inputs
■ XOR Tree Test Mode
■ 24-Pin SSOP Package; green, lead-free package
also available.
ORDER NUMBER(S):
EMC6D103-CK FOR 24 PIN SSOP PACKAGE
EMC6D103-CK-TR FOR 24 PIN SSOP PACKAGE (TAPE AND REEL)
EMC6D103-CZC FOR 24 PIN SSOP PACKAGE (LEAD FREE)
EMC6D103-CZC-TR FOR 24 PIN SSOP PACKAGE (LEAD FREE, TAPE AND REEL)
Evaluation Board is available.


Similar Part No. - EMC6D103

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D103 SMSC-EMC6D103 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103-CZC SMSC-EMC6D103-CZC Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103-CZC-TR SMSC-EMC6D103-CZC-TR Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Microchip Technology
EMC6D103S MICROCHIP-EMC6D103S Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - EMC6D103

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
SMSC Corporation
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Texas Instruments
LM3519 TI1-LM3519 Datasheet
3Mb / 20P
High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
SMSC Corporation
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
Fan Control Device with High Frequency PWM and Temperature Monitors
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Eutech Microelectronics...
EUM6808 EUTECH-EUM6808 Datasheet
747Kb / 1P
PWM Fan Motor Driver with Slope Control
logo
Shenzhen Huazhimei Semi...
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
High-performance low-cost PWM control power device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com