Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1644IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 11Page - Linear Technology LTC1644IGN Datasheet HTML 12Page - Linear Technology LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC1644
15
1644f
TIMER
10V/DIV
GATE
10V/DIV
5VIN – 5VSENSE
100mV/DIV
50mV
FAULT
5V/DIV
20
µs/DIV
1644 F05
TIMER
10V/DIV
GATE
10V/DIV
5VIN – 5VSENSE
100mV/DIV
FAULT
5V/DIV
10
µs/DIV
1644 F06
150mV
Figure 5. Overcurrent Fault on 5V
Figure 6. Short-Circuit Fault on 5V
20ms/DIV
1644 F04
TIMER
10V/DIV
GATE
5V/DIV
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
LOCAL_PCI_RST#
5V/DIV
BD_SEL#
5V/DIV
FAULT
5V/DIV
HEALTHY#
5V/DIV
PRECHARGE
5V/DIV
Figure 4. Power-Up into a Short on 3.3V Output
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com