Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1644IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology LTC1644IGN Datasheet HTML 20Page - Linear Technology LTC1644IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC1644
17
1644f
Output Voltage Monitor
The status of all four output voltages is monitored by the
power good function. In addition, the PCI_RST# signal is
logically combined on-chip with the HEALTHY# signal to
create LOCAL_PCI_RST# (see Table 5). As a result,
LOCAL_PCI_RST# will be pulled low whenever HEALTHY#
is pulled high independent of the state of the PCI_RST#
signal.
Table 5. LOCAL_PCI_RST# Truth Table
PCI_RST#
HEALTHY#
LOCAL_PCI_RST#
LO
LO
LO
LO
HI
LO
HI
LO
HI
HI
HI
LO
If any of the output voltages drop below the power good
threshold for more than 10
µs, the PWRGD pin will be
pulled high and the LOCAL_PCI_RST# signal will be
asserted low.
Precharge
The PRECHARGE input and DRIVE output pins are in-
tended for use in generating the 1V precharge voltage that
is used to bias the bus I/O connector pins during board
insertion. The LTC1644 is also capable of generating
precharge voltages other than 1V. Figure 8 shows a circuit
that can be used in applications requiring a precharge
voltage less than 1V. The circuit in Figure 9 can be used for
applications that need precharge voltages greater than 1V.
Table 6 lists suggested resistor values for R10A and R10B
vs precharge voltage for the application circuits shown in
Figures 8 and 9.
Table 6. R10A and R10B Resistor Values vs Precharge Voltage
VPRECHARGE
R10A
R10B
VPRECHARGE
R10A
R10B
1.5V
18
9.09
0.9V
16.2
1.78
1.4V
18
7.15
0.8V
14.7
3.65
1.3V
18
5.36
0.7V
12.1
5.11
1.2V
18
3.65
0.6V
11
7.15
1.1V
18
1.78
0.5V
9.09
9.09
1V
18
0
Due to leakage current constraints, precharge resistor
values of less than 50k are often required. In these
precharge applications, it may also be necessary to dis-
connect the individual resistors from the LTC1644’s
PRECHARGE pin when the plug-in board is completely
seated in the board slot. The circuit in Figure 10 uses a bus
switch to connect the individual precharge resistors to the
LTC1644’s PRECHARGE pin while the BD_SEL# pin volt-
age is pulled up to 5VIN, i.e., when the BD_SEL# short
connector pin is still unconnected. After the plug-in board
is completely seated, the BD_SEL# pin voltage will drop to
approximately 3.8V (assuming BD_SEL# isn’t asserted
low), and the bus switch OE pin is pulled high by Q2. When
the plug-in card is removed from the connector, the
BD_SEL# connection is broken first and the BD_SEL# pin
voltage pulls up to 5V. This causes Q2 to turn off, which re-
enables the bus switch and the precharge resistors are
reconnected to the LTC1644’s PRECHARGE pin for the
remainder of the board extraction process.
Other CompactPCI Applications
The LTC1644 can be easily configured for applications
where no VEE supply is present by simply connecting the
VEEIN pin to GND and floating the VEEOUT pin (Figure 11).
For CPCI applications where no 5V supply input is re-
quired, short both the 5VIN and 5VSENSE pins to the 3VIN
pin and short the 5VOUT pin to the 3VOUT pin (Figure 12).
If no 3.3V supply input is required, Figure 13 illustrates
how the LTC1644 should be configured. First, 3VSENSE
(Pin 16) is connected to 3VIN (Pin 17), 3VOUT (Pin 18) is
connected to 5VOUT (Pin 3) and the LTC1644’s 3VIN pin is
connected through a pair of signal diodes (BAV99) to 5VIN.
For applications where the BD_SEL# connector pin is
typically grounded on the backplane, the circuit in
Figure 14 allows the LTC1644 to be reset simply by
pressing a pushbutton switch on the CPCI plugin board.
This arrangement eliminates the requirement to extract
and reinsert the CPCI board in order to reset the LTC1644’s
circuit breakers.
Power MOSFET Selection Criteria
Three device parameters are key in selecting the optimal
power MOSFET for Hot Swap applications. The three
parameters are: (1) device power dissipation (PD); (2)
device drain-source channel ON resistance, RDS(ON); and
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com