Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1644IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology LTC1644IGN Datasheet HTML 20Page - Linear Technology LTC1644IGN Datasheet HTML 21Page - Linear Technology LTC1644IGN Datasheet HTML 22Page - Linear Technology LTC1644IGN Datasheet HTML 23Page - Linear Technology LTC1644IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC1644
24
1644f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0203 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Dual Supplies from 3V to 12V, Additionally –12V
LTC1422
Hot Swap Controller in SO-8
Single Supply from 3V to 12V, RESET Output
LT1640AL/LT1640AH
Negative Voltage Hot Swap Controllers in SO-8
Negative High Voltage Supplies from –10V to – 80V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controller in SO-8
Supplies from 9V to 80V, Latch Off/Autoretry
LTC1642
Fault Protected Hot Swap Controller
3V to 15V, Overvoltage Protection Up to 33V
LTC1643AL/LTC1643AL-1/LTC1643AH
PCI Bus Hot Swap Controllers
3.3V, 5V, 12V, –12V Supplies for PCI Bus
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
Dual CompactPCI Hot Swap Controller
3.3V, 5V Supplies Only, 1V Precharge, PCI Reset Logic
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
LTC4211
Hot Swap Controller with Multifunction Current Control
Single Supply, 2.5V to 16.5V, MSOP
LTC4230
Triple Hot Swap Controller
1.7V to 16.5V Operation, Multifunction Current Control
LT4250
– 48V Hot Swap Controller in SO-8
– 20V to – 80V, Active Current Limiting
LTC4251
– 48V Hot Swap Controller in SOT-23
Floating Supply, Active Current Limiting and
Fast Circuit Breaker
Figure 18. Recommended Layout for Power MOSFET, Sense Resistor and GATE Components for the 3.3V Rail
LTC1644*
CURRENT FLOW
TO SOURCE
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DRAWING IS NOT TO SCALE!
1644 F18
TRACK WIDTH W:
0.03" PER AMPERE
ON 1OZ Cu FOIL
D
D
D
D
G
S
S
S
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
SENSE
RESISTOR
SO-8
VIA TO
GND PLANE
GND
GND
3VOUT
3.3V
3VIN
3.3V
VIA/PATH
TO GND
GATE
R3
R5
C1
CTIMER
W
W
W
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com