Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4021 Datasheet(PDF) 2 Page - Littelfuse

Part # SP4021
Description  SP4021 Series 2.5pF, 25A Discrete TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4021 Datasheet(HTML) 2 Page - Littelfuse

  SP4021 Datasheet HTML 1Page - Littelfuse SP4021 Datasheet HTML 2Page - Littelfuse SP4021 Datasheet HTML 3Page - Littelfuse SP4021 Datasheet HTML 4Page - Littelfuse SP4021 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/17
Lightning Surge Protection- SP4021 Series
Notes:
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
25
A
P
Pk
Peak Pulse Power (t
p=8/20μs)
600
W
T
OP
Operating Temperature
-40 to 125
°C
T
STOR
Storage Temperature
-55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Breakdown Voltage
V
BD
I
R=2uA
6.3
V
Reverse Standoff Voltage
V
RWM
I
R≤1μA
5.0
V
Leakage Current
I
LEAK
V
R=5.0V
0.5
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
9.3
V
I
PP=10A, tp=8/20µs, Fwd
14.0
V
I
PP=24A, tP=8/20μs, Fwd
19.6
V
Dynamic Resistance2
R
DYN
TLP, tP=100ns, I/O to GND
0.35
Ω
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
D
Reverse Bias=0V, f=1MHz
2.5
pF
Note:
1. Parameter is guaranteed by design and/or device characterization.
2. Transmission Line Pulse (TLP) with 100ns width and 200ps rise time.
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 20-40s)
260
°C
Non-Repetitive Peak Pulse Power vs. Pulse Time
0.01
0.1
1
10
0.11
10
1001000
Pulse Duration - tp (µs)
Normalized Capacitance vs. Bias Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Bias Voltage (V)
SP4021-01FTG
SP4021-01FTG-C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com