Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4021 Datasheet(PDF) 3 Page - Littelfuse

Part # SP4021
Description  SP4021 Series 2.5pF, 25A Discrete TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4021 Datasheet(HTML) 3 Page - Littelfuse

  SP4021 Datasheet HTML 1Page - Littelfuse SP4021 Datasheet HTML 2Page - Littelfuse SP4021 Datasheet HTML 3Page - Littelfuse SP4021 Datasheet HTML 4Page - Littelfuse SP4021 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/17
Lightning Surge Protection- SP4021 Series
Clamping Voltage vs. I
PP
25.0
10.0
20.0
5.0
15.0
0.0
4.0
8.0
12.0
16.0
20.0
24.0
1.0
Peak Pulse Current-I
PP (A)
Pulse Waveform
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Time (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com