Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4021 Datasheet(PDF) 1 Page - Littelfuse

Part # SP4021
Description  SP4021 Series 2.5pF, 25A Discrete TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4021 Datasheet(HTML) 1 Page - Littelfuse

  SP4021 Datasheet HTML 1Page - Littelfuse SP4021 Datasheet HTML 2Page - Littelfuse SP4021 Datasheet HTML 3Page - Littelfuse SP4021 Datasheet HTML 4Page - Littelfuse SP4021 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/17
Lightning Surge Protection- SP4021 Series
Description
Applications
The SP4021 devices integrate low capacitance steering
diodes with one or two zener diodes for unidirectional or
bidirectional protection, respectively, to protect against
ESD and lightning induced surge events. These devices
can safely absorb up to 25A per IEC 61000-4-5 (tp=8/20μs)
without performance degradation and a minimum ±30kV
ESD per IEC 61000-4-2 International Standard. The low
loading capacitance and high surge capability make it ideal
for protecting telecommunication ports such as Ethernet
and other high speed data interfaces.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, IEC 61000-4-5,
25A (t
P=8/20μs)
• Low capacitance of 2.5pF
(@ V
R=0V)
• Low leakage current
• Unidirectional and
Bidirectional configuration
• Small SOD323 package
fits 0805 footprints
•10/100/1000 Ethernet
•T1/E1/T3/E3
•USB 1.1/2.0
•Power Ports
•Computers and Peripherals
•Instrumentation
•Medical Equipment
Pinout
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SP4021 Series 2.5pF, 25A Discrete TVS Diode
1
2
Functional Block Diagram
1
2
1
2
Unidirectional
Bidirectional
SP4021-01FTG
SP4021-01FTG-C
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SP4021

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4020 LITTELFUSE-SP4020 Datasheet
720Kb / 4P
SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG LITTELFUSE-SP4020-01FTG Datasheet
720Kb / 4P
SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG-C LITTELFUSE-SP4020-01FTG-C Datasheet
720Kb / 4P
SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4022 LITTELFUSE-SP4022 Datasheet
750Kb / 4P
SP4022 Series 1.3pF, 15A Discrete TVS Diode
SP4023 LITTELFUSE-SP4023 Datasheet
858Kb / 4P
SP4023 Series 1.3pF, 12A Discrete TVS Diode
More results

Similar Description - SP4021

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
SP1124T Discrete Unidirectional TVS Diode
SP0201U-ULC-01UTG LITTELFUSE-SP0201U-ULC-01UTG Datasheet
1Mb / 5P
TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SP4020 LITTELFUSE-SP4020 Datasheet
720Kb / 4P
SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com