Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS9513API-2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CTS9513API-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
4
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
On power-up, the data bus is configured for 8
bit transfers. The data bus may be reconfig-
ured for 16 bit by programming Master Mode
register Bit 13. If D8-15 are not used they
should be pulled up.
!CS (Chip Select Input)
The chip select line is an active low I/O control
signal used to enable the device for read and
write operations.
!WR (Write Input)
The write line is an active low I/O control
signal which is used to transfer information
from the data bus to one of the internal
command or data registers.
!RD (Read Input)
The read line is an active low I/O control
signal which is used to transfer information
from one of the internal data or command
registers to the data bus.
C/!D (Control/Data Port Select Input)
The C/D line is used in conjunction with the
CS, RD, and WR to select which internal
command or data register is being written to
or read from. The C/D line selects between
the command and data register sets as
summarized in Table 3
FUNCTIONAL DESCRIPTION
SYSTEM LEVEL
The CTS9513 is addressed by the external system
through two address locations. Counter and com-
mand data are written to individual counters through
a sequence of indirectly addressing the internal com-
mand or data register through the command port
address, followed by a write to the data port address
which points to the indirectly addressed register
location.
Data is transferred through either two 8 bit transfers
or a single 16 bit transfer. Pointer sequencing for 8 bit
transfers is automatic and is transferred as least
significant byte first, most significant byte second.
Rapid
programming
of
the
CTS9513
may
be
accomplished by use of the auto-increment feature of
the data pointer. This feature is enabled by setting
Master Mode Register bit 14 (MM14). When enabled,
the data pointer may be sequenced through a single
counter group, all counter group registers, all counter
group Hold registers only, or just the control group
registers.
INTERNAL CONFIGURATION
Overview
A simplified block diagram of the CTS9513 is shown
in Figure 4. This diagram shows the major device
elements consisting of:
five counter groups,
internal frequency prescaler which divides
down the primary external clock source from
clock input X2,
external
FOUT
clock
prescalers
which
provide prescaled or divided outputs from a
variety of sources,
the Bus interface,
Master mode register and
the status register.
Not shown are the extended set registers, power-on
reset circuitry or internal control lines. The counter
group block diagrams are shown in Figures 5 and 6.
Counter groups 1 and 2 as shown in Figure 5 have
an additional programmable alarm register and 16 bit
comparator for implementation of time-of-day and
alarm functions.
Counter Groups
All of the counter groups have a 16 bit counter and
four
programmable
registers.
The
primary
and
auxiliary counter mode register controls the count
source, gating and counting modes, input and output
polarities,
binary
or
BCD
counting
and
other
parameters.
Load Register
The Load register is the primary register used for
storing count-up or count-down values which may be
automatically reloaded into the counter for repetitive
counting.
Hold Register
The Hold register may be used for storing the
instantaneous count value without disturbing the
count process for reading by the host system. It may
also be used in certain count modes for storing
alternate count values and alternately counting the
load and hold register values to generate complex
waveforms.
Counter Outputs
Each of the counters has a single dedicated output
pin which is programmable for polarity, tri-state, low-Z
to ground and a variety of output modes as described
later. This flexibility allows operation in a variety of
bus and processor architectures.
Source Inputs
Each counter group may be programmed for a variety
of count sources including any of the five source
input lines, any of the internal prescaler outputs or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com