Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS9513API-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTS9513API-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
1
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
FUNCTIONS
Five 16 bit programmable up/down counters
Programmable Pulse Generation
Programmable Delay Generator
Pulse Measurement
Event Counting
Frequency Measurement
System Synchronization
Real Time Clock
APPLICATIONS
Computer System Timing
Real Time Clock with Alarm
Watchdog Timer
Programmable System/Bus Clock
Wait State Generation
Data Acquisition
Programmable Converter Clock
Pulse Measurement
Frequency Counter
Event Counter
ATE
Programmable Stimulus Generator
Timing Extremes Generator
Laser Systems
Timing Sequencer
Programmable Delay Generator
External Equipment Synchronization
Burst Mode Generator
Industrial Process Control
Pulse Frequency Sensor conversion
System Timing/Synchronization
EXTENDED FEATURES
Up to 20 MHz Maximum input frequency
Lower Power
STANDARD AM9513 FEATURES
Five independent 16 bit counters
Up/Down, Binary/BCD Counting
Internal Binary/BCD Prescaling
One Shot/Continuous Outputs
Software/External triggering
Tri-state Outputs
Programmable output polarities
Programmable gate polarities/edges
Time of Day/Alarm Functions
Programmable Internal/External Counter Source
Fully AM9513 Hardware/Software Compatible
Dual count registers on each counter
CTS9513 OVERVIEW
For two decades the most flexible counter/timer
peripheral device available was the Advanced Micro
Devices AM9513 Counter Timer. Until discontinued in
1995 the AM9513 was a leading device in industrial
and scientific timing controllers. Its only limitation was
its 7 Mhz maximum clock speed…….……..until
now............
Building on over two decades of successful use as
the most flexible programmable counter/timer device,
the CTS9513 breaks the old limitations of the
AM9513 in a new technology device with over 3
times the speed of the venerable ‘9513 with 16 bit
counters. Sporting up to a 20 MHz maximum Input
clock, the CTS9513 allows timing resolutions of 50 ns
and gate pulses as short as 50nS. This opens up a
whole new range of capabilities and applications for
this device.
The
CTS9513
is
an
ideal
solution
for
direct
replacement
or
new
designs.
With
its
CMOS
construction it consumes far less power and runs
much cooler than the original NMOS device. Due to
its ASIC construction it can not be obsoleted
The CTS9513 is Hardware and Software compatible
with the AM9513, allowing use of your present
software
drivers.
Standard
Packaging
for
the
CTS9513 is the DIP-40, PLCC-44
OTHER PRODUCTS
Celeritous Technical Service specializes in the
creation of replacements for discontinued
and
obsolete ICs. Using the latest in ASIC technology and
EDA Design Tools, Celeritous Technical can provide
rapid, high quality, cost effective form, fit and function
replacements for obsolete digital ICs. Visit us on the
web
at
http://www.celeritous.com
for
more
information on our products and services.
Figure 1 - CTS9513 DIP-40 Package


Similar Part No. - CTS9513API-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS922 ETC2-CTS922 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
More results

Similar Description - CTS9513API-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
Timer Counter
MN102L610B PANASONIC-MN102L610B Datasheet
367Kb / 3P
RESET Watchdog Timer counter 0 to 5 Timer counter 6 to 7
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
Timer counter 0 : 8-bit X 1
logo
Advantech Co., Ltd.
PCI-1780U ADVANTECH-PCI-1780U Datasheet
536Kb / 1P
8-ch, 16-bit Counter/Timer Universal PCI Card
PCL-836 ADVANTECH-PCL-836 Datasheet
563Kb / 1P
6-ch, 16-bit Counter/Timer ISA Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
8-ch, 16-bit Counter/Timer Universal PCI Card
logo
Megawin Technology Co.,...
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
Two 16-bit timer/counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
Timer, Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com