Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS9513API-2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CTS9513API-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
5
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
the output of the previous counter, allowing counter
concatenation and FOUT divided outputs.
Gate Inputs
Gate inputs are used for external hardware triggering
or synchronization of the counters. Each counter may
be programmed to be gated from its own gate line or
the gate lines from the previous or next counter. The
gate lines may also be programmed to be level or
edge sensitive and respond to active high or low
signals.
The gate line may be used to either initiate one or
more count sequences or used as a count enable
line, allowing the counter to count only while the gate
line is held active. Another mode allows the counter
to be reloaded from the load or hold register
depending on the state of the gate line.
PROGRAMMING
REGISTER PROGRAMMING
Data Bus Operation
Table 3 summarizes the I/O control signal and data
status during bus reads and writes to the CTS9513.
The interface control logic assumes that
RD and WR are never active simultaneously
RD, WR, C/D are ignored unless CS is asserted.
Register Programming
Accessing and writing to a specific data or command
register from the data port is as follows.
Set Data Pointer
1
Select the appropriate data pointer value
to access the desired register (example
Counter group 1 Mode register 0x01)
2
Write LOAD DATA POINTER command
to primary command address
(write
0x0001 to device address 0x01) to set
data pointer to Counter Group 1 Mode
register.
This points the data port to the Group 1 mode
register and set the word pointer to 1 indicating a
least significant word is expected.
WRITING TO REGISTERS
Write Data to Register
1
If the 16 bit transfer mode is selected, the
next write to the Primary Data Port
(Device Address 0x00) will write data to
the Counter mode register.
2
If the 8 bit transfer mode is selected, the
next write to the Primary Data Port
Address will expect the least significant
word of the register value, followed by a
write of the most significant word to the
data port. The internal word pointer is
automatically incremented.
3
If an automatic sequence command has
been
given
the
data
pointer
will
automatically be sequenced to the next
register.
READING REGISTERS
Reading from a device register follows the write
sequence very closely, requiring a write to the
command register to set the appropriate data pointer,
followed by a read or reads from the data port.
Several items should be noted when reading from the
device registers:
1
The
data
pointer
should
always
be
reloaded before reading from the data
port if the prior command was anything
but a LOAD DATA POINTER command
in order to update the Read data pre-
fetch latch.
2
A LOAD DATA POINTER command
should be issued to the device prior to
reading a HOLD register following a
hardware triggered SAVE of the counter
contents to the HOLD register.
COMMANDS
COUNTER COMMANDS
Counter commands are divided into two main groups.
Those commands which directly affect counter
operation, often shortcuts to programming specific
register
functions,
and
those
associated
with
indirectly addressing the counters’ internal registers.
Counter control commands can be further subdivided
into those commands which affect individual counter
operation and those which affect the overall device
operation.
Table 4 Lists the commands associated with indirect
addressing of the counter internal registers. These
commands point the data port to the appropriate
internal register in order to read or write to them.
Table
5
Lists
the
commands
associated
with
controlling the actions of individual counters. They
are made up basically of the ARM, DISARM, LOAD,
SAVE, CLEAR, SET and STEP commands.
ARM Command
A counter must be ARMed before it can commence
counting.
Once
ARMed,
a
counter
may
be
programmed to begin counting immediately or to
await a hardware trigger to initiate counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com