Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7805AETU.. Datasheet(PDF) 19 Page - ON Semiconductor

Part # KA7805AETU..
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7805AETU.. Datasheet(HTML) 19 Page - ON Semiconductor

Back Button KA7805AETU.. Datasheet HTML 15Page - ON Semiconductor KA7805AETU.. Datasheet HTML 16Page - ON Semiconductor KA7805AETU.. Datasheet HTML 17Page - ON Semiconductor KA7805AETU.. Datasheet HTML 18Page - ON Semiconductor KA7805AETU.. Datasheet HTML 19Page - ON Semiconductor KA7805AETU.. Datasheet HTML 20Page - ON Semiconductor KA7805AETU.. Datasheet HTML 21Page - ON Semiconductor KA7805AETU.. Datasheet HTML 22Page - ON Semiconductor KA7805AETU.. Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.9
18
Electrical Characteristics (KA7824AE)
Refer to the test circuit, 0
°C < TJ < +125°C, IO =1 A, VI = 33 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
31. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
32. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
23.5
24.0
24.5
V
IO = 5 mA to 1 A, PO ≤15 W,
VI = 27.3 V to 38 V
23.0
24.0
25.0
Regline
Line Regulation(31)
VI = 27 V to 38 V, IO = 500 mA
18
240
mV
VI = 21 V to 33 V
6
240
TJ = +25°C
VI = 26.7 V to 38 V
18
240
VI = 30 V to 36 V
6
120
Regload
Load Regulation(31)
TJ = +25°C, IO = 5 mA to 1.5 A
15
100
mV
IO = 5 mA to 1.0 A
15
100
IO = 250 mA to 750 mA
7
50
IQ
Quiescent Current
TJ = +25°C5.2
6.0
mA
ΔIQ
Quiescent Current Change
VI = 27.3 V to 38 V, TJ = +25°C0.8
mA
VI = 27.3 V to 38 V, IO = 500 mA
0.8
IO = 5 mA to 1.0 A
0.5
ΔV/ΔT
Output Voltage Drift(32)
IO = 5 mA
-1.5
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C
120
μV
RR
Ripple Rejection(32)
f = 120 Hz, IO = 500 mA,
VI = 28 V to 38 V
54
dB
VDrop
Dropout Voltage
IO = 1 A, TJ = +25°C2
V
RO
Output Resistance(32)
f = 1 kHz
20
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TA = +25°C
250
mA
IPK
Peak Current(32)
TJ = +25°C2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com