Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7805AETU.. Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA7805AETU..
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7805AETU.. Datasheet(HTML) 3 Page - ON Semiconductor

  KA7805AETU.. Datasheet HTML 1Page - ON Semiconductor KA7805AETU.. Datasheet HTML 2Page - ON Semiconductor KA7805AETU.. Datasheet HTML 3Page - ON Semiconductor KA7805AETU.. Datasheet HTML 4Page - ON Semiconductor KA7805AETU.. Datasheet HTML 5Page - ON Semiconductor KA7805AETU.. Datasheet HTML 6Page - ON Semiconductor KA7805AETU.. Datasheet HTML 7Page - ON Semiconductor KA7805AETU.. Datasheet HTML 8Page - ON Semiconductor KA7805AETU.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.9
2
Ordering Information
Notes:
1. Above output voltage tolerance is available at 25°C.
2. Refer to below figure for TM / TF Suffix for DPAK.
Product Number
Output Voltage
Tolerance(1)
Package
Operating
Temperature
Parking Method
KA7805ETU
±4%
TO-220 (Dual Gauge)
-40°C to +125°C
Rail
KA7806ETU
KA7808ETU
KA7809ETU
KA7810ETU
KA7812ETU
KA7815ETU
KA7818ETU
KA7824ETU
KA7805ERTF
D-PAK(2)
Tape and Reel
KA7805ERTM
KA7808ERTM
KA7809ERTM
KA7812ERTM
KA7805AETU
±2%
TO-220 (Dual Gauge)
0°C to +125°C
Rail
KA7809AETU
KA7810AETU
KA7812AETU
KA7815AETU
KA7824AETU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com