Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7805AETU.. Datasheet(PDF) 22 Page - ON Semiconductor

Part # KA7805AETU..
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7805AETU.. Datasheet(HTML) 22 Page - ON Semiconductor

Back Button KA7805AETU.. Datasheet HTML 18Page - ON Semiconductor KA7805AETU.. Datasheet HTML 19Page - ON Semiconductor KA7805AETU.. Datasheet HTML 20Page - ON Semiconductor KA7805AETU.. Datasheet HTML 21Page - ON Semiconductor KA7805AETU.. Datasheet HTML 22Page - ON Semiconductor KA7805AETU.. Datasheet HTML 23Page - ON Semiconductor KA7805AETU.. Datasheet HTML 24Page - ON Semiconductor KA7805AETU.. Datasheet HTML 25Page - ON Semiconductor KA7805AETU.. Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.9
21
Typical Applications (Continued)
Figure 9. Fixed Output Regulator
Figure 10. Constant Current Regulator
Notes:
33. To specify an output voltage, substitute voltage value for “XX”. A common ground is required between the input and
the output voltage. The input voltage must remain typically 2.0 V above the output voltage even during the low
point on the input ripple voltage.
34. CI is required if regulator is located an appreciable distance from power supply filter.
35. CO improves stability and transient response.
VO = VXX(1+R2/R1) + IQR2
Figure 11. Circuit for Increasing Output Voltage
0.1
μF
CO
CI
0.33
μF
Output
Input
KA78XXE
1
3
2
0.1
μF
CO
CI
0.33
μF
Output
Input
KA78XXE
1
3
2
Vxx
R1
RL
IQ
IO
IO = R
1
+ IQ
Vxx
0.1
μF
CO
CI
0.33
μF
Output
Input
KA78XXE
1
3
2
Vxx
R1
R2
IQ
I
RI
5IQ
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com