Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73828 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73828 Datasheet HTML 1Page - Microchip Technology MCP73828 Datasheet HTML 2Page - Microchip Technology MCP73828 Datasheet HTML 3Page - Microchip Technology MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2002 Microchip Technology Inc.
DS21706A-page 3
MCP73828
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VIN...................................................................... -0.3V to 6.0V
All inputs and outputs w.r.t. GND ................-0.3 to (VIN+0.3)V
Current at CD10 Pin ................................................ +/-30 mA
Current at VDRV.......................................................... +/-1 mA
Maximum Junction Temperature, T
J.............................. 150°C
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
..................................................≥ 4kV
*Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
DC CHARACTERISTICS: MCP73828-4.1, MCP73828-4.2
Pin
Name
Description
1
SHDN
Logic Shutdown
2
GND
Battery Management
0V Reference
3
THERM
Cell Temperature Monitor
4
CD10
Charge Complete Output
5VBAT
Cell Voltage Monitor Input
6VDRV
Drive Output
7VSNS
Charge Current Sense Input
8VIN
Battery Management
Input Supply
Unless otherwise specified, all limits apply for VIN = [VREG(typ)+1V], RSENSE = 500 mΩ, TA = -20°C to +85°C.
Typical values are at +25°C. Refer to Figure 1-1 for test circuit.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VIN
4.5
—
5.5
V
Supply Current
IIN
—
—
0.7
265
15
560
µA
Shutdown, VSHDN = 0V
Constant Voltage Mode
Voltage Regulation (Constant Voltage Mode)
Regulated Output Voltage
VREG
4.059
4.158
4.1
4.2
4.141
4.242
V
V
MCP73828-4.1 only
MCP73828-4.2 only
Line Regulation
∆VBAT
-10
—
10
mV
VIN = 4.5V to 5.5V,
IOUT = 75 mA
Load Regulation
∆VBAT
-1
+0.2
+1
mV
IOUT=10 mA to 75 mA
Output Reverse Leakage Current
ILK
—10
—
µA
VIN=Floating, VBAT=VREG
External MOSFET Gate Drive
Gate Drive Current
IDRV
—
0.08
—
—
1
—
mA
mA
Sink, CV Mode
Source, CV Mode
Gate Drive Minimum Voltage
VDRV
—1.6
—
V
Current Regulation (Controlled Current Mode)
Current Sense Gain
ACS
—100
—
dB
∆(VSNS-VDRV) / ∆VBAT
Current Limit Threshold
VCS
40
53
75
mV
(VIN-VSNS) at IOUT
Foldback Current Scale Factor
K
—
0.43
—
A/A
Charge Complete Indicator - CD10
Current Threshold
ITH
—10
—
%IOUT(PEAK)
Low Output Voltage
VOL
——
400
mV
ISINK = 10 mA
Leakage Current
ILK
——
1
µA
ISINK=0 mA, VCD10=5.5V
Shutdown Input - SHDN
Input High Voltage Level
VIH
40
—
—
%VIN
Input Low Voltage Level
VIL
——
25
%VIN
Input Leakage Current
ILK
——
1
µA
VSHDN = 0V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com