Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73828 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 2Page - Microchip Technology MCP73828 Datasheet HTML 3Page - Microchip Technology MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology MCP73828 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP73828
DS21706A-page 6
 2002 Microchip Technology Inc.
Note: Unless otherwise indicated, IOUT= 10 mA, Constant Voltage Mode, TA=25°C. Refer to Figure 1-1 for test circuit.
FIGURE 2-7:
Output Reverse Leakage Current vs.
Output Voltage.
FIGURE 2-8:
Output Reverse Leakage Current vs.
Output Voltage.
FIGURE 2-9:
Current Limit Foldback.
FIGURE 2-10: Supply Current vs. Temperature.
FIGURE 2-11: Output
Voltage
vs.
Temperature
(MCP73828-4.2).
FIGURE 2-12: Power-Up / Power-Down.
0
2
4
6
8
10
12
14
16
2.0
2.5
3.0
3.5
4.0
4.5
Output Voltage (V)
85
oC
25
oC
-20
oC
VIN = Floating
VSHDN = VOUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
2.5
3.0
3.5
4.0
4.5
Output Voltage (V)
85
oC
25
oC
-20
oC
VIN = Floating
VSHDN = GND
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
0
20
406080
100
120
Output Current (mA)
200
225
250
275
300
325
350
-20
-10
0
10
203040
50607080
Temperature (
oC)
4.190
4.192
4.194
4.196
4.198
4.200
4.202
4.204
4.206
-20
-10
0
1020304050607080
Temperature (
oC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
12345
6789
10
Input Voltage (V)
Power Up
Power Down
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com