Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73828 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 5 Page - Microchip Technology

  MCP73828 Datasheet HTML 1Page - Microchip Technology MCP73828 Datasheet HTML 2Page - Microchip Technology MCP73828 Datasheet HTML 3Page - Microchip Technology MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2002 Microchip Technology Inc.
DS21706A-page 5
MCP73828
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, IOUT= 10 mA, Constant Voltage Mode, TA=25°C. Refer to Figure 1-1 for test circuit.
FIGURE 2-1:
Output Voltage vs. Output Current
(MCP73828-4.2).
FIGURE 2-2:
Output Voltage vs. Input Voltage
(MCP73828-4.2).
FIGURE 2-3:
Output Voltage vs. Input Voltage
(MCP73828-4.2).
FIGURE 2-4:
Supply Current vs. Output Current.
FIGURE 2-5:
Supply Current vs. Input Voltage.
FIGURE 2-6:
Supply Current vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.195
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.204
4.205
0
200
400
600
800
1000
Output Current (mA)
4.195
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.204
4.205
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Input Voltage (V)
IOUT = 1000 mA
4.195
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.204
4.205
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Input Voltage (V)
IOUT = 10 mA
200
225
250
275
300
325
350
0
200
400
600
800
1000
Output Current (mA)
200
225
250
275
300
325
350
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Input Voltage (V)
IOUT = 1000 mA
200
225
250
275
300
325
350
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Input Voltage (V)
IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com