Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSOX4MASK Datasheet(PDF) 28 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 28 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Trigger system
Trigger sources
Analog channel (1 ~ 4), digital channel (D0 ~ D15), line, external, WaveGen (1, 2, or Mod)
(FM/FSK)
Trigger modes
Normal
Requires trigger event for oscilloscope to trigger
Auto
Triggers automatically in absence of trigger event
Single
Front panel button that triggers only once on a trigger event. Press [Single] button again
for oscilloscope to find another trigger event, or press [Run] front-panel button to trigger
continuously in either auto or normal mode
Force
Front panel button that forces a trigger
Trigger coupling
DC
DC coupled trigger
AC
AC coupled trigger, cutoff frequency: < 10 Hz (internal); < 50 Hz (external)
HF reject
High-frequency reject, cutoff frequency ~ 50 kHz
LF reject
Low-frequency reject, cutoff frequency ~ 50 kHz
Noise reject
Adds hysteresis to the trigger circuitry. Selectable OFF or ON, decreases sensitivity 2x
Trigger holdoff range
40 ns to 10.00 s
Trigger sensitivity (internal) 1
200 MHz ~ 1 GHz < 10 mV/div: greater of 1 div or 5 mV; ≥ 10 mV/div: 0.6 div
1.5 GHz
DC to 1 GHz: < 10 mV/div: Greater of 1 div or 5 mV; ≥ 10 mV/div: 0.6 div
1 to 1.5 GHz: < 10 mV/div: Greater of 1.5 div or 5 mV; ≥ 10 mV/div: 1.0 div
Trigger sensitivity (external) 1
± 1.6 V
40 mVpp DC to 100 MHz, 70 mVpp 100 to 200 MHz
± 8 V
200 mVpp DC to 100 MHz, 350 mVpp 100 to 200 MHz
Trigger level range
Any channel
± 6 div from center screen
External
8 V range = ± 8 V, 1.6 V range = ± 1.6 V
1� Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com