Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSOX4MASK Datasheet(PDF) 11 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 11 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 7Page - Keysight Technologies DSOX4MASK Datasheet HTML 8Page - Keysight Technologies DSOX4MASK Datasheet HTML 9Page - Keysight Technologies DSOX4MASK Datasheet HTML 10Page - Keysight Technologies DSOX4MASK Datasheet HTML 11Page - Keysight Technologies DSOX4MASK Datasheet HTML 12Page - Keysight Technologies DSOX4MASK Datasheet HTML 13Page - Keysight Technologies DSOX4MASK Datasheet HTML 14Page - Keysight Technologies DSOX4MASK Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Investment protection through a fully-upgradable 7-in-1 instrument
The InfiniiVision 4000 X-Series redefines the
oscilloscope experience with unprecedented
integration. This 7-in-1 instrument provides:
– Oscilloscope
– 16 digital channels
– Serial protocol analyzer
– Dual-channel WaveGen 20 MHz function/
arbitrary waveform generator
– 3-digit voltmeter
– Frequency response analysis
– 8-digit hardware counter with totalizer
Figure 17. The 4000 X-Series provides the capabilities of five instruments
seamlessly integrated into one.
Serial protocol
analysis
Oscilloscope
(analog)
channels
Logic channels
Dual-channel
WaveGen
Digital
voltmeter
Multi-domain analysis: Time-correlate analog,
digital, and frequency domain signals
Viewing the frequency content of waveforms is greatly simplified
by a touch screen operation. Pop up keypads make inputting
start, stop, span and center frequency easy. And the new problem
solving feature called “gated FFT” lets you time correlate the
analog, digital, and frequency domain to aid in analysis and
debug. In addition, there are new capabilities for peak searching,
max and min hold and averaging of FFTs to increase dynamic
range.
When gated FFT is on, the oscilloscope goes into zoom mode.
The FFT analysis shown in the zoomed (bottom) window is taken
from the period of time indicated by the zoom box in the main
(top) window. In the gated FFT mode, touch and flick the zoom
box through the acquisition to investigate how the FFT analysis
changes over time, correlating the RF phenomenon with the
analog and digital phenomenon.
Oscilloscope Experience Redefined:
Experience the Integration
Figure 18. Gated FFT successfully correlated the hopping of the FSK
modulation with the analog and I2C control command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com