| Electronic Components Datasheet Search |
|
DSOX4MASK Datasheet(PDF) 12 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX4MASK Datasheet(HTML) 12 Page - Keysight Technologies |
|
12 / 39 page ![]() 12 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet Figure 21. USB 2.0 trigger, decode and “lister” display. Figure 20. Dual serial bus CAN and LIN decode and interleaved “lister“ display. Figure 19. Digital channels are captured and displayed time-correlated with analog channels in MSOs or upgraded DSOs. Mixed signal oscilloscope (MSO): Integrated 16 digital channels With an additional 16 integrated digital channels, you now have up to 20 channels of time-correlated triggering, acquisition and viewing on the same instrument. This is especially important in today’s embedded designs with sophisticated digital control circuitry. Unlike other oscilloscopes in this class, you can buy a 2- or 4-channel DSO and enable the 16 digital channels already in the instrument at any time to make it an MSO. (DSOXPERFMSO) Serial protocol analysis: Hardware-based serial protocol decode and triggering Keysight InfiniiVision Series, including the new 4000 X-Series, are the only oscilloscopes to use hardware-based serial protocol decoding. Other vendors’ oscilloscopes use software post-processing techniques to decode serial packets⁄ frames, and therefore have slow waveform and decode capture rates and could miss critical events and errors due to a long dead-time. Faster decoding with hardware-based technology enhances the probability of capturing infrequent serial communication errors. After capturing serial bus communication, you can easily perform a search operation based on specific criteria and then quickly navigate to bytes/frames of serial data that satisfy that search criteria. The 4000 X-Series can decode two serial buses simultaneously using hardware-based decoding, and display the captured data in a time interleaved “lister”display. Serial protocol decoding can be used simultaneously with segmented memory and zone touch triggering. The 4000 X-Series has: SENT, I2C, SPI, USB 2.0, RS232/UART, CAN, CAN FD, LIN, FlexRay, CXPI, MIL-STD 1553, ARINC 429, I2S, user-definable Manchester, user-definable NRZ, and USB PD. (See page 23) Oscilloscope Experience Redefined: Experience the Integration (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |