Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCG Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMCG
Description  30 Watt Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMCG Datasheet HTML 1Page - Wall Industries,Inc. CMCG Datasheet HTML 2Page - Wall Industries,Inc. CMCG Datasheet HTML 3Page - Wall Industries,Inc. CMCG Datasheet HTML 4Page - Wall Industries,Inc. CMCG Datasheet HTML 5Page - Wall Industries,Inc. CMCG Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
FEATURES
● Soft Start
● Lead-Free Design
● Output Trim Function
● I/O Isolation 1500VDC
● Remote On/Off Control (Optional)
● Call Factory for More Output Power Options
● EMI Complies with RN55022 Class A (Only for CMCG-A Series)
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMCG Series
All specifications are based on 25oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
24V input models
48V input models
18
36
24
48
36
75
VDC
Start Voltage
24V input models
48V input models
17
34
17.5
35
18
36
VDC
Under Voltage Shutdown
24V input models
48V input models
16
32
16.5
33
17
34
VDC
Over Voltage Shutdown
24V input models
48V input models
40
80
42
82
44
84
VDC
Input Surge Voltage (1000ms)
24V input models
48V input models
-0.7
-0.7
50
100
VDC
Reverse Polarity Input Current
All models
2
A
Reflected Ripple Current
See Table
Short Circuit Input Power
All models
4500
mW
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Trim
% of nominal output voltage
±9.0
±10.0
±11.0
%
Load Regulation (2.5V, 3.3V, and 5Vout)
Io = No Load to 100% Load
±0.5
±1.0
%
Load Regulation (12V and 15Vout)
Io = 10% to 100% Load
±0.5
±1.0
%
Line Regulation
Vin = Min to Max
±0.1
±0.3
%
Output Power
30
W
Output Current Range
See Table
Ripple & Noise (20MHz)
75
100
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Load, and Temperature
120
mVpk-pk
Ripple & Noise (20MHz)
10
mVrms
Transient Recovery Time
25% Load Step Change
200
500
μs
Transient Response Deviation
25% Load Step Change
±2
±5
%
Maximum Capacitive Load
See Table
REMOTE ON/OFF CONTROL
Supply On
2.5 to 100VDC or Open Circuit
Supply Off
-1
1
VDC
Device Standby Input Current
2
5
mA
Control Input Current
ON
OFF
5
-100
μA
Control Common
Referenced to Negative Input
PROTECTION
Over Power Protection
110
160
%
Short Circuit Protection
Continuous
Over Voltage Protection
See table
GENERAL
Efficiency
See Table
Switching Frequency
280
350
400
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Tested for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5500
mW
ENVIRONMENTAL
Operating Temperature
Ambient
Case
-40
-40
+50
+105
°C
Storage Temperature
-55
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Temperature Coefficient
±0.01
±0.02
%/°C
Cooling
Free air convection
RFI
Six-sided shielded metal case
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
600,000 Hours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
Approximately 7oz
Dimensions
4.00(L) x 2.25(W) x 0.81(H) inches


Similar Part No. - CMCG

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CMC ADVANCEDENERGY-CMC Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
FCI connector
CMC FCI-CONNECTOR-CMC Datasheet
73Kb / 2P
CMC sealed Full interconnect
logo
IDEM Safety Switches
CMC IDEM-SAFETY-CMC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
CUI INC
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
logo
CUI Devices
CMC-2242PBL-A CUID-CMC-2242PBL-A Datasheet
992Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CMCG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
30 Watt Single & Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
30 Watt Single/Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com