Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCG Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CMCG
Description  30 Watt Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CMCG Datasheet HTML 1Page - Wall Industries,Inc. CMCG Datasheet HTML 2Page - Wall Industries,Inc. CMCG Datasheet HTML 3Page - Wall Industries,Inc. CMCG Datasheet HTML 4Page - Wall Industries,Inc. CMCG Datasheet HTML 5Page - Wall Industries,Inc. CMCG Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current
limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit
operates normally once the output current is brought back into its specified range.
Output Over Voltage Protection
The output over voltage clamp consists of control circuitry, which is independent of the primary regulation loop that monitors the voltage on
the output terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This provides a redundant voltage
control that reduces the risk of output over voltage. The OVP level can be found in the “Output Voltage / Current Rating Chart.”
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board spacing. To
avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below
105°C. The derating curves are determined from measurements obtained in an experimental apparatus
.
Efficiency vs Input Voltage
Efficiency vs Output Load
DERATING CURVE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com