Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCG Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMCG
Description  30 Watt Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMCG Datasheet HTML 1Page - Wall Industries,Inc. CMCG Datasheet HTML 2Page - Wall Industries,Inc. CMCG Datasheet HTML 3Page - Wall Industries,Inc. CMCG Datasheet HTML 4Page - Wall Industries,Inc. CMCG Datasheet HTML 5Page - Wall Industries,Inc. CMCG Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple Current
Over Voltage
Protection
Max Capacitive
Load
Eff
(Typ)
Min
Max
No Load Max Load
CMCG24S2.5-6000
24 VDC
(18 – 36 VDC)
2.5 VDC
0mA
6000mA
50mA
744mA
100mA (typ)
3 VDC
6800μF
84%
CMCG24S3.3-6000
3.3 VDC
0mA
6000mA
50mA
959mA
3.9 VDC
6800μF
86%
CMCG24S5-5000
5 VDC
0mA
5000mA
70mA
1185mA
6.8 VDC
6800μF
88%
CMCG24S5.1-5000
5.1 VDC
0mA
5000mA
70mA
1207mA
6.8 VDC
6800μF
88%
CMCG24S12-2500
12 VDC
166mA
2500mA
20mA
1420mA
15 VDC
680μF
88%
CMCG24S15-2000
15 VDC
133mA
2000mA
20mA
1420mA
18 VDC
680μF
88%
CMCG48S2.5-6000
48 VDC
(36 – 75 VDC)
2.5 VDC
0mA
6000mA
40mA
372mA
50mA (typ)
3 VDC
6800μF
84%
CMCG48S3.3-6000
3.3 VDC
0mA
6000mA
40mA
480mA
3.9 VDC
6800μF
86%
CMCG48S5-5000
5 VDC
0mA
5000mA
50mA
604mA
6.8 VDC
6800μF
88%
CMCG48S5.1-5000
5.1 VDC
0mA
5000mA
50mA
604mA
6.8 VDC
6800μF
88%
CMCG48S12-2500
12 VDC
166mA
2500mA
10mA
710mA
15 VDC
680μF
88%
CMCG48S15-2000
15 VDC
133mA
2000mA
10mA
710mA
18 VDC
680μF
88%
NOTES
1. Transient Recovery Time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. Ripple & Noise measurement bandwidth is 0~20MHz.
3. These power converters require a minimum output loading to maintain specified regulation. Operation at no-load will not damage these
devices, however they may not meet all listed specifications.
4. Other input and output voltages may be available, please contact factory.
5. To order the converter with Remote On/Off function, please add suffix ”-RC” (Ex: CMCG48S5-5000-RC).
6. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
Due to advances in technology, specifications subject to change without notice.
BLOCK DIAGRAM
INPUT VOLTAGE TRANSIENT RATING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com