Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3218 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3218
Description  1.5MHz, 1.5A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3218 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3218 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3218-04
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP3218
Thermal Calculations
There are three types of losses associated with the LP3218
step-down converter: switching losses, conduction losses,
and quiescent current losses. Conduction losses are
associated with the RDS(ON) characteristics of the power output
switching devices. Switching losses are dominated by the
gate charge of the power output switching devices.
At full load, assuming continuous conduction mode (CCM), a
simplified form of the losses is given by:
IQ is the step-down converter quiescent current. The term tSW
is used to estimate the full load step-down converter switching
losses.
For the condition where the step-down converter is in dropout
at 100% duty cycle, the total device dissipation reduces to:
Since RDS(ON), quiescent current, and switching losses all vary
with input voltage, the total losses should be investigated over
the complete input voltage range. Given the total losses, the
maximum junction temperature can be derived from the θJA
for the SOT23-5 package which is 250°C/W.
Layout Guidance
When laying out the PC board, the following layout guideline
should be followed to ensure proper operation of the LP3218:
1. The power traces, including the GND trace, the SW trace
and the IN trace should be kept short, direct and wide to allow
large current flow. The L1 connection to the SW pins should
be as short as possible. Use several VIA pads when routing
between layers.
2. The input capacitor (C1) should connect as closely as
possible to VIN (Pin 2) and GND to get good power filtering.
3. Keep the switching node, SW (Pins 7 and 8) away from the
sensitive FB/OUT node.
4. The feedback trace or OUT pin should be separate from
any power trace and connect as closely as possible to the
load point.
Sensing along a high-current load trace will degrade DC load
regulation. If external feedback resistors are used, they
should be placed as closely as possible to the FB pin (Pin5) to
minimize the length of the high impedance feedback trace.
5. The output capacitor C2 and L1 should be connected as
closely as possible. The connection of L1 to the SW pin
should be as short as possible and there should not be any
signal lines under the inductor.
6. The resistance of the trace from the load return to PGND
should be kept to a minimum. This will help to minimize any
error in DC regulation due to differences in the potential of the
internal signal ground and the power ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com