Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3218 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3218
Description  1.5MHz, 1.5A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3218 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3218 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LP3218-04
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8
Preliminary Datasheet
LP3218
Functional Description
The LP3218 is a high output current monolithic switch-mode
step-down DC-DC converter. The device operates at a fixed
1.5MHz switching frequency, and uses a slope compensated
current mode architecture. This step-down DC-DC converter
can supply up to 2A output current from at VIN=3V and has an
input voltage range from 2.5V to 5.5V. It minimizes external
component size and optimizes efficiency at the heavy load
range. The slope compensation allows the device to remain
stable over a wider range of inductor values so that smaller
values (2.2μH to 4.7μH) with lower DCR can be used to
achieve higher efficiency. Apart from the small bypass input
capacitor, only a small L-C filter is required at the output. The
device can be programmed with external feedback to any
voltage, ranging from 0.6V to near the input volt-age. It uses
internal MOSFETs to achieve high efficiency and can
generate very low output voltages by using an internal
reference of 0.6V. At dropout, the converter duty cycle
increases to 100% and the output voltage tracks the input
voltage minus the low RDS (ON) drop of the P-channel
high-side MOSFET and the inductor DCR.
The internal error amplifier and compensation provides
excellent transient response, load and line regulation. Internal
soft start eliminates any output voltage over-shoot when the
enable or the input voltage is applied.
Current Mode PWM Control
Slope compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit for excellent
load and line response with protection of the internal main
switch (P-channel MOSFET) and synchronous rectifier
(N-channel MOSFET). During normal operation, the internal
P-channel MOSFET is turned on for a specified time to ramp
the inductor current at each rising edge of the internal
oscillator, and switched off when the peak inductor current is
above the error volt-age. The current comparator, ICOMP, limits
the peak inductor current. When the main switch is off, the
synchronous rectifier turns on immediately and stays on until
either the inductor current starts to reverse, as indicated by
the current reversal comparator, IZERO, or the beginning of the
next clock cycle.
Control Loop
The LP3218 is a peak current mode step-down converter. The
current through the P-channel MOSFET (high side) is sensed
for current loop control, as well as short circuit and overload
protection. A slope compensation signal is added to the
sensed current to maintain stability for duty cycles greater
than 50%. The peak current mode loop appears as a
voltage-programmed current source in parallel with the output
capacitor. The output of the voltage error amplifier programs
the current mode loop for the necessary peak switch current
to force a constant output voltage for all load and line
conditions. Internal loop compensation terminates the
trans-conductance voltage error amplifier output. The error
amplifier reference is fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is active
high. When pulled low, the enable input (EN) forces the
LP3218 into a low-power, non-switching state. The total input
current during shutdown is less than 1μA.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited to
3.5A. To minimize power dissipation and stresses under
current limit and short-circuit conditions, switching is
terminated after entering current limit for a series of pulses.
The termination lasts for seven consecutive clock cycles after
a current limit has been sensed during a series of four
consecutive clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 150°C with 15°C of hysteresis.
Once an over-temperature or over-current fault conditions is
removed, the output voltage automatically recovers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com