Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3218 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3218
Description  1.5MHz, 1.5A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3218 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3218 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3218 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3218-04
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP3218
1.5MHz, 1.5A Step-Down Converter
General Description
The LP3218 is a 1.5MHz constant frequency current
mode PWM step-down converter. It is ideal for
portable equipment which requires very high current
up to 2.0A from single-cell Lithium-ion batteries while
still achieving over 95% efficiency during peak load
conditions. The LP3218 also can run at 100% duty
cycle for low dropout operation, extending battery life
in portable systems while light load operation provides
very low output ripple for noisy sensitive applications.
The LP3218 can supply up to 2.0A output load current
from an input voltage 2.5V to 5.5V and the output
voltage can be regulated as low as 0.6V. The high
switching frequency minimizes the size of external
components while keeping switching losses low. The
internal slope compensation setting allows the device
to operate with smaller inductor values to optimize size
and provide efficient operation.
The LP3218 is available with adjustable (0.6V to VIN)
output voltage. The device is available in a Pb-free,
SOT23-5 package and is rated over the temperature
range of -40°C to +85°C.
Order Information
LP3218 □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
VOUT Type
A: Adjustable
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.6V to VIN
2.0A Output Current
High Efficiency: Up to 95%
100% Duty Cycle in Dropout
Low Shutdown Current: <1uA
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Thermal Fault Protection
SOT23-5Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
DSP Core Supplies
Cellular Phone and Smart mobile phone
PDA
GPS Applications
Marking Information
Device
Marking
Package
Shipping
LP3218
ASXXX
SOT23-5
3K/REEL
X: Batch number.


Similar Part No. - LP3218

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP3218DT1G LRC-LP3218DT1G Datasheet
502Kb / 6P
12V P-Channel Enhancement MOSFET
More results

Similar Description - LP3218

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
1Mb / 18P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05158 UTC-UD05158 Datasheet
142Kb / 5P
1.5A, LOW NIOSE 1.5MHZ SYNCHRONOUS STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com